Electronic Components Datasheet Search
  English  ▼

X  

760 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 760
Description  Premium Male/Male Jumper Wires - 40 x 12" (300mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

760 Datasheet(HTML) 1 Page - Adafruit Industries

  760 Datasheet HTML 1Page - Adafruit Industries 760 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PROTOTYPING / WIRING
Premium Male/Male Jumper Wires - 40 x
12" (300mm)
PRODUCT ID: 760
Page 1 of 2


Similar Part No. - 760

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
760 PENTAIR-760 Datasheet
256Kb / 2P
SIMPLE ECONOMIC ELECTRONIC METER CONTROL
logo
Greenlee Communications
760 GREENLEE-760 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
760 GREENLEE-760 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
logo
France Joint
760 FRANCEJOINT-760 Datasheet
360Kb / 3P
STATIC SEALS
logo
Switchcraft, Inc.
760 SWITCH-760 Datasheet
209Kb / 1P
0.10 [2.5]mm x 0.374 LONG
01-07-11 REV D
More results

Similar Description - 760

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
PRT-08430 SPARKFUN-PRT-08430 Datasheet
101Kb / 1P
Jumper Wires Premium 6 F/F Pack of 10
4/12/2016
PRT-09139 SPARKFUN-PRT-09139 Datasheet
173Kb / 1P
Jumper Wires Premium 6 M/F Pack of 100
4/12/2016
PRT-09194 SPARKFUN-PRT-09194 Datasheet
103Kb / 1P
Jumper Wires Premium 6" Mixed Pack of 100
4/12/2016
PRT-09385 SPARKFUN-PRT-09385 Datasheet
96Kb / 1P
Jumper Wires Premium 12 M/F Pack of 10
4/12/2016
PRT-09386 SPARKFUN-PRT-09386 Datasheet
101Kb / 1P
Jumper Wires Premium 12 M/F Pack of 100
4/12/2016
PRT-09387 SPARKFUN-PRT-09387 Datasheet
95Kb / 1P
Jumper Wires Premium 12 M/M Pack of 10
4/12/2016
PRT-09388 SPARKFUN-PRT-09388 Datasheet
95Kb / 1P
Jumper Wires Premium 12 M/M Pack of 100
4/12/2016
PRT-09389 SPARKFUN-PRT-09389 Datasheet
95Kb / 1P
Jumper Wires Premium 12 F/F Pack of 10
1??2??8
PRT-09390 SPARKFUN-PRT-09390 Datasheet
98Kb / 1P
Jumper Wires Premium 12 F/F Pack of 100
4/12/2016
PRT-10898 SPARKFUN-PRT-10898 Datasheet
199Kb / 1P
Jumper Wires Premium 6 F/F Pack of 100
4/12/2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com