Electronic Components Datasheet Search
  English  ▼

X  

794 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 794
Description  Premium Female/Female Jumper Wires - 40 x 3" (75mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

794 Datasheet(HTML) 2 Page - Adafruit Industries

  794 Datasheet HTML 1Page - Adafruit Industries 794 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
Handy for making wire harnesses or jumpering between headers on PCB's. These
premium jumper wires are 3" (75mm) long and come in a 'strip' of 40 (4 pieces of
each of ten rainbow colors). They have 0.1" female header contacts on either end
and fit cleanly next to each other on standard-pitch 0.1" (2.54mm) header. The
best part is they come in a 40-pin ribbon cable. You can always pull the ribbon
wires off to make individual jumpers, or keep them together to make neatly
organized wire harnesses.
We have these in three handy lengths: 3"/75mm, 6"/160mm and 12"/300mm. If
you want the male/male type, we have those too!
For best results, when plugging these in a line, have the sides with the 'silver latch
bit' sticking out since that side is a tiny bit wider than 0.1"
7/16/2015
http://www.adafruit.com/products/794



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com