Electronic Components Datasheet Search
  English  ▼

X  

MBRF20100CT Datasheet(PDF) 1 Page - Multicomp Pro

Part # MBRF20100CT
Description  Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MBRF20100CT Datasheet(HTML) 1 Page - Multicomp Pro

  MBRF20100CT Datasheet HTML 1Page - Multicomp Pro MBRF20100CT Datasheet HTML 2Page - Multicomp Pro MBRF20100CT Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
24/09/19
Schottky Barrier Rectifier
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features:
• Metal of silicon rectifier, majority carrier conduction
• Guard ring for transient protection
• Low power loss,high efficiency
• High current capability, low VF
• High surge capacity
• Plastic package has UL flammability classification 94V-0
• For use in low voltage, high frequency inverters, free wheeling,
and polarity protection applications
Mechanical Data:
Case
: ITO-220AB molded plastic
Polarity
: As marked on the body
Weight
: 0.08 ounces, 2.24 grams
Mounting Position
: Any
Reverse Voltage
: 100 Volts
Forward Current
: 20 Amperes
Characteristics
Symbol
Values
Unit
Max. Recurrent Peak Reverse Voltage
Vrrm
100
V
Max. RMS Voltage
Vrms
70
Max. DC Blocking Voltage
Vdc
100
Max. Average Forward
Rectified Current (See Fig.1)
I(AV)
20
A
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Ifsm
150
Peak Forward Voltage (Note 1) If = 10A @ Tj = 25°C
If = 10A @ Tj = 125°C
If = 20A @ Tj = 25°C
If = 20A @ Tj = 125°C
Vf
0.85
0.75
0.95
0.85
V
Max. DC Reverse Current at
Tj = 25°C
Rated DC Blocking Voltage at
Tj = 125°C
Ir
0.1
7.5
mA
Typical Junction Capacitance (Note 2)
Cj
320
pF
Typical Thermal Resistance (Note 3)
RθJC
3.5
°C/W
Operating Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
Tstg
-55 to +175
°C
Notes:
1. 300μs pulse width, 2% duty cycle.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Thermal resistance junction to case
4. The typical data above is for reference only
Maximum Ratings and Electrical Characteristics:
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.


Similar Part No. - MBRF20100CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRF20100CT MOTOROLA-MBRF20100CT Datasheet
83Kb / 4P
SWITCHMODE??Schottky Power Rectifirers
logo
Micro Commercial Compon...
MBRF20100CT MCC-MBRF20100CT Datasheet
386Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Vishay Siliconix
MBRF20100CT VISHAY-MBRF20100CT Datasheet
113Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jul-02
logo
Taiwan Semiconductor Co...
MBRF20100CT TSC-MBRF20100CT Datasheet
210Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF20100CT TSC-MBRF20100CT Datasheet
122Kb / 2P
Isolation 20.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF20100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com