Electronic Components Datasheet Search
  English  ▼

X  

F02 Datasheet(PDF) 2 Page - XP Power Limited

Part # F02
Description  DC-HVDC C ONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

F02 Datasheet(HTML) 2 Page - XP Power Limited

  F02 Datasheet HTML 1Page - XP Power Limited F02 Datasheet HTML 2Page - XP Power Limited F02 Datasheet HTML 3Page - XP Power Limited F02 Datasheet HTML 4Page - XP Power Limited F02 Datasheet HTML 5Page - XP Power Limited F02 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Notes:
1. Maximum rated output current is available at maximum rated output voltage and
derates linearly as input voltage is decreased.
2. Output voltage is load dependent. Under light or no-load conditions, reduce the
input voltage so maximum rated output voltage is not exceeded.
3. Specifications after 1 hour warm-up, full load, at 25°C unless otherwise indicated.
4. Proper thermal management techniques are required to maintain safe case
temperature at maximum power output.
5. Ripple specification for center-tapped units applies to the voltage between the
positive and negative output terminals.
DC-HVDC CONVERTER
F Series
2
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
12 000
VDC
See Models & Ratings table
Output Current
100
mA
See Models & Ratings table
Output Voltage Tolerance
±5
%
At Max Vout, Full Load
Minimum Load
No minimum load required
Regulation
Unregulated, Output is proportional to Input. See Application Notes
Short Circuit Protection
Protected against short circuit conditions indefinitely
Ripple and Noise
0.1
2.5
%
1See Models & Ratings table
Response Time
260
msec
0 to Max Vout, Full Load
Input
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
0.7
12, 15
VDC
See Models & Ratings table
Input Current, No Load
500
mA
Input Current, Full Load
1.5
A
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Isolation: Input to Output
3500
V
<±3,500 Bias for Models F01 to F60
Isolation: Input to Output
500
V
<±500 Bias for Models F70 to F121
Switching Frequency
25
125
kHz
Stable frequency over entire output voltage range.
Construction
Case material is black anodized aluminum. UL 94 V-0 rated solid vacuum encapsulation.
Mean Time Between Failure
810
khrs
Bellcore TR 332
General
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-10
+70
°C
Standard operating temperature
Storage Temperature
-25
+90
°C
Cooling
Natural convection
Humidity
95
%RH
Non-condensing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com