Electronic Components Datasheet Search
  English  ▼

X  

F08 Datasheet(PDF) 5 Page - XP Power Limited

Part # F08
Description  DC-HVDC C ONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

F08 Datasheet(HTML) 5 Page - XP Power Limited

  F08 Datasheet HTML 1Page - XP Power Limited F08 Datasheet HTML 2Page - XP Power Limited F08 Datasheet HTML 3Page - XP Power Limited F08 Datasheet HTML 4Page - XP Power Limited F08 Datasheet HTML 5Page - XP Power Limited F08 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DC-HVDC CONVERTER
F Series
Specifications subject to change without notice
.
5
Mechanical Details
Notes:
1. All dimensions are in inches (mm)
2. Weight 5oz (142g)
3. Tolerance: X.XX±0.02 (0.51)
4. Pin Tolerance: ±0.005 (0.127)
5. Case is inter nally connected to (-) Input.
F01-F60
PCB Layout
Pin
Function
1
(+) Input
2
(-) Input
3
(+) Output
4
(-) Output
5
Dual Output/Center Tap (Optional)
F80-F121
Top View
#4/M3 CLEARANCE
2 HOLES.
MTG HOLE (OPTIONAL)
2.80
(71.1)
0.20
(5.1)
0.85 (21.6)
0.20
(5.1)
0.20
(5.1)
2.400
(60.96)
PC PINS
0.031
(0.79)
1.70
(43.2)
1
2
4
3
5
0.250 (6.35)
0.100 (2.54)
0.400 (10.16)
0.900 (22.86)
0.800 (20.32)
1.050 (26.67)
LOCATION OF
MTG. HOLES (OPTIONAL)
Ø 0.140 (3.56) 2PL
1.300
(33.02)
RECOMMENDED
HOLE & PAD O.D. SIZE:
Ø0.052 (1.32) & Ø0.082 (2.08)
*5 PLACES
0
*
OPTIONAL
DUAL OUTPUT
(CENTER TAP)
0.45
(11.4)
6.00" (152.4mm)
#22 AWG, 30KV
OUTPUT LEADS:
SILICONE
MINIMUM LENGTH.
0.215" (5.46mm) O.D.
2 PLACES.
1
2
4
3
5
RECOMMENDED
HOLE & PAD SIZE:
Ø 0.052 (1.32) & Ø 0.090 (2.29)
3 PLACES
Ø0.250 (6.35) CLEARANCE
FOR 0.215" (5.46mm) O.D.
OUTPUT LEADS
2 PLACES
0.85
(21.6)
0.400 (10.16)
1.400
(35.56)
TOP VIEW
2.80
(71.1)
1.70
(43.2)
MIN 0.25
(6.4)
0.95
(24.1)
PC PINS
ø0.040
(1.02)
0.800
(20.32)
0.45 (11.4)
1.200
(30.48)
1.30
(33.0)
.25
(6.4)
Ø.140 (3.56)
MTG HOLES, 2X
#4/M3 CLEARANCE
*
OPTIONAL
DUAL OUTPUT
(CENTER TAP)
*
RECOMMENDED
PCB LAYOUT
TOP VIEW
TOP VIEW
RECOMMENDED
PCB LAYOUT
TOP VIEW
#4/M3 CLEARANCE
2 HOLES.
MTG HOLE (OPTIONAL)
2.80
(71.1)
0.20
(5.1)
0.85 (21.6)
0.20
(5.1)
0.20
(5.1)
2.400
(60.96)
PC PINS
0.031
(0.79)
1.70
(43.2)
1
2
4
3
5
0.250 (6.35)
0.100 (2.54)
0.400 (10.16)
0.900 (22.86)
0.800 (20.32)
1.050 (26.67)
LOCATION OF
MTG. HOLES (OPTIONAL)
Ø 0.140 (3.56) 2PL
1.300
(33.02)
RECOMMENDED
HOLE & PAD O.D. SIZE:
Ø0.052 (1.32) & Ø0.082 (2.08)
*5 PLACES
0
*
OPTIONAL
DUAL OUTPUT
(CENTER TAP)
0.45
(11.4)
6.00" (152.4mm)
#22 AWG, 30KV
OUTPUT LEADS:
SILICONE
MINIMUM LENGTH.
0.215" (5.46mm) O.D.
2 PLACES.
1
2
4
3
5
RECOMMENDED
HOLE & PAD SIZE:
Ø 0.052 (1.32) & Ø 0.090 (2.29)
3 PLACES
Ø0.250 (6.35) CLEARANCE
FOR 0.215" (5.46mm) O.D.
OUTPUT LEADS
2 PLACES
0.85
(21.6)
0.400 (10.16)
1.400
(35.56)
TOP VIEW
2.80
(71.1)
1.70
(43.2)
MIN 0.25
(6.4)
0.95
(24.1)
PC PINS
ø0.040
(1.02)
0.800
(20.32)
0.45 (11.4)
1.200
(30.48)
1.30
(33.0)
.25
(6.4)
Ø.140 (3.56)
MTG HOLES, 2X
#4/M3 CLEARANCE
*
OPTIONAL
DUAL OUTPUT
(CENTER TAP)
*
RECOMMENDED
PCB LAYOUT
TOP VIEW
TOP VIEW
RECOMMENDED
PCB LAYOUT
TOP VIEW
#4/M3 CLEARANCE
2 HOLES.
MTG HOLE (OPTIONAL)
2.80
(71.1)
0.20
(5.1)
0.85 (21.6)
0.20
(5.1)
0.20
(5.1)
2.400
(60.96)
PC PINS
0.031
(0.79)
1.70
(43.2)
1
2
4
3
5
0.250 (6.35)
0.100 (2.54)
0.400 (10.16)
0.900 (22.86)
0.800 (20.32)
1.050 (26.67)
LOCATION OF
MTG. HOLES (OPTIONAL)
Ø 0.140 (3.56) 2PL
1.300
(33.02)
RECOMMENDED
HOLE & PAD O.D. SIZE:
Ø0.052 (1.32) & Ø0.082 (2.08)
*5 PLACES
0
*
OPTIONAL
DUAL OUTPUT
(CENTER TAP)
0.45
(11.4)
6.00" (152.4mm)
#22 AWG, 30KV
OUTPUT LEADS:
SILICONE
MINIMUM LENGTH.
0.215" (5.46mm) O.D.
2 PLACES.
1
2
4
3
5
RECOMMENDED
HOLE & PAD SIZE:
Ø 0.052 (1.32) & Ø 0.090 (2.29)
3 PLACES
Ø0.250 (6.35) CLEARANCE
FOR 0.215" (5.46mm) O.D.
OUTPUT LEADS
2 PLACES
0.85
(21.6)
0.400 (10.16)
1.400
(35.56)
TOP VIEW
2.80
(71.1)
1.70
(43.2)
MIN 0.25
(6.4)
0.95
(24.1)
PC PINS
ø0.040
(1.02)
0.800
(20.32)
0.45 (11.4)
1.200
(30.48)
1.30
(33.0)
.25
(6.4)
Ø.140 (3.56)
MTG HOLES, 2X
#4/M3 CLEARANCE
*
OPTIONAL
DUAL OUTPUT
(CENTER TAP)
*
RECOMMENDED
PCB LAYOUT
TOP VIEW
TOP VIEW
RECOMMENDED
PCB LAYOUT
TOP VIEW
PCB Layout
Top View



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com