Electronic Components Datasheet Search
  English  ▼

X  

F20 Datasheet(PDF) 3 Page - XP Power Limited

Part # F20
Description  DC-HVDC C ONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

F20 Datasheet(HTML) 3 Page - XP Power Limited

  F20 Datasheet HTML 1Page - XP Power Limited F20 Datasheet HTML 2Page - XP Power Limited F20 Datasheet HTML 3Page - XP Power Limited F20 Datasheet HTML 4Page - XP Power Limited F20 Datasheet HTML 5Page - XP Power Limited F20 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC-HVDC CONVERTER
F Series
Specifications subject to change without notice
.
3
Model Number
Output Voltage
Output Current(1)
Input Voltage
Ripple
F01
0 to 100V
100mA
0 to 12V
<0.6%
F02
0 to 200V
50mA
0 to 12V
<1.0%
F02CT
0 +/-100V
50mA
0 to 12V
<1.0%
F02RH
0 to 200V
50mA
0 to 12V
<1.0%
F03
0 to 300V
33.3mA
0 to 12V
<1.0%
F03CT
0 to +/-150V
33.3mA
0 to 12V
<1.0%
F03H
0 to 300V
33.3mA
0 to 12V
<1.0%
F04
0 to 400V
25mA
0 to 12V
<1.0%
F04CT
0 to +/-200V
25mA
0 to 12V
<1.0%
F04CTH
0 to +/-200V
25mA
0 to 12V
<1.0%
F04H
0 to 400V
25mA
0 to 12V
<1.0%
F05
0 to 500V
20mA
0 to 12V
<0.1%
F05H
0 to 500V
20mA
0 to 12V
<0.1%
F06
0 to 600V
16mA
0 to 12V
<0.1%
F06CT
0 to +/-300V
16mA
0 to 12V
<0.1%
F08
0 to 800V
12.5mA
0 to 12V
<0.1%
F10
0 to 1000V
10mA
0 to 12V
<0.1%
F10CT
0 to +/-500V
10mA
0 to 12V
<0.1%
F12
0 to 1200V
8.3mA
0 to 12V
<0.1%
F12CT
0 to +/-600V
8.3mA
0 to 12V
<0.1%
F15
0 to 1500V
6.6mA
0 to 12V
<0.1%
F15CTH
0 to +/-750V
6.6mA
0 to 12V
<0.1%
F15H
0 to 1500V
6.6mA
0 to 12V
<0.1%
F20
0 to 2000V
5mA
0 to 12V
<1.0%
F30
0 to 3000V
3.3mA
0 to 15V
<1.0%
F30CT
0 to +/-1500V
3.3mA
0 to 15V
<1.0%
F30H
0 to 3000V
3.3mA
0 to 15V
<1.0%
F40
0 to 4000V
2.5mA
0 to 15V
<1.0%
F40CT
0 to +/-2000V
2.5mA
0 to 15V
<1.0%
F50
0 to 5000V
2mA
0 to 15V
<1.0%
F50CT
0 to +/-2500V
2mA
0 to 15V
<1.0%
F60
0 to 6000V
1.66mA
0 to 15V
<1.0%
F60CT
0 to +/-3000V
1.66mA
0 to 15V
<1.0%
F60H
0 to 6000V
1.66mA
0 to 15V
<1.0%
F80
0 to 8000V
1.25mA
0 to 15V
<2.5%
F80CT
0 to +/-4000V
1.25mA
0 to 15V
<2.5%
F101R
0 to 10,000V
1mA
0 to 15V
<2.5%
F121
0 to 12,000V
0.83mA
0 to 15V
<2.5%
F121CT
0 to +/-6000V
0.83mA
0 to 15V
<2.5%
Models & Ratings
Notes:
1. All orderable part numbers are listed above.
2. CT indicates dual output, center tap.
3. H suffix indicates drilled mounting holes for F01 to F60.
4. R suffix is used as a RoHS indicator for legacy models.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com