Electronic Components Datasheet Search
  English  ▼

X  

FC100 Datasheet(PDF) 1 Page - KERN & SOHN GmbH

Part # FC100
Description  Compact force-measuring device
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERN [KERN & SOHN GmbH]
Direct Link  https://www.kern-sohn.com/
Logo KERN - KERN & SOHN GmbH

FC100 Datasheet(HTML) 1 Page - KERN & SOHN GmbH

  FC100 Datasheet HTML 1Page - KERN & SOHN GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KERN FC100
Compact force-measuring device
Measuring system
Measuring capacity [Max]:
100 N
Overload protection (of [Max]):
150 %
Precision (of [Max]):
0,300 %
Preset unit:
N
Readability [d]:
0,100 N
Test frequency:
1000 Hz
Display
Display digit height (large):
1 cm
Functions
Data hold function:
yes
Display revolving:
yes
Function to set limits:
yes
Peak function:
yes
Visual ready signal:
yes
Environmental conditions
Maximum operating temperature:
40
OC
Minimum ambient temperature:
-10
OC
Power supply
Charging time:
4 h
Input voltage:
100 V - 240 V
Mains adapter:
Mains adapter external
Mains adapter/adapter included:
EURO CH
Operating time (Backlight off):
20 h
Operating time (Backlight on):
20 h
Services (optional)
DAkkS Calibration certificate
(Pressure):
963-261
DAkkS Calibration certificate
(Tensile):
963-161
DAkkS Calibration certificate
(Tensile/Pressure):
963-361
Factory calibration certificate:
961-361
Factory calibration certificate
(Pressure):
961-261
Factory calibration certificate
(Tensile):
961-161
Factory calibration certificate
(Tensile/Pressure):
961-361
Category
Brand:
Sauter
Category:
Force gauges
Product Group:
Electronic force-measuring
device
Packaging & shipping
Delivery:
24 h
Dimensions packaging (WxDxH):
340 x 155 x 110 mm
Gross weight:
1,200 kg
Net weight:
940 g
Shipping method:
Parcel service
UN number:
3496
Construction
Casing material:
metal
Dimensions housing (WxDxH):
145 x 73 x 34 mm
Dimensions of display device
(WxDxH):
145 x 73 x 34 mm
Overall dimensions mounted
(WxDxH):
145 x 73 x 34 mm
KERN & SOHN GmbH . Ziegelei 1 . 72336 Balingen . Germany . Tel. +49–(0)7433 - 99 33-0 . www.kern-sohn.com
1


Similar Part No. - FC100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FC100A ETC-FC100A Datasheet
1Mb / 14P
POWER MODULE : DC-DC CONVERTERS ; 18 VDC TO 36 VDC INPUT, 5 VDC OUTPUT;50W TO 150W
FC100A9 ETC-FC100A9 Datasheet
1Mb / 14P
POWER MODULE : DC-DC CONVERTERS ; 18 VDC TO 36 VDC INPUT, 5 VDC OUTPUT;50W TO 150W
logo
Power-One
FC100V10A POWER-ONE-FC100V10A Datasheet
357Kb / 2P
FC SERIES - 5A, 10A, 20A, FILTER
logo
Bel Fuse Inc.
FC100V10A BEL-FC100V10A Datasheet
606Kb / 7P
End of life (EOL) for certain part numbers with little or no activity
FC100V10A-G BEL-FC100V10A-G Datasheet
606Kb / 7P
End of life (EOL) for certain part numbers with little or no activity
More results

Similar Description - FC100

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2D02 SHARP-GP2D02 Datasheet
49Kb / 4P
Compact, High Sensitive Distance Measuring Sensor
GP2Y0D340K SHARP-GP2Y0D340K Datasheet
36Kb / 4P
Compact Distance Measuring Sensors
logo
ALPS ELECTRIC CO.,LTD.
SKRP ALPS-SKRP Datasheet
171Kb / 3P
4.2횞3.2mm Compact High Operating Force (Surface Mount Type)
logo
HOKURIKU ELECTRIC INDUS...
HFD-500S HOKURIKU-HFD-500S Datasheet
159Kb / 1P
Force Sensor
logo
TOKYO SEIMITSU CO., LTD
PROBES ACCRETECH-PROBES Datasheet
322Kb / 2P
The only active scanning probe that the measuring force is controllable
SURFCOM1400G-LCD ACCRETECH-SURFCOM1400G-LCD Datasheet
245Kb / 1P
Cross Feed Device for Surface texture & Contour Measuring Instrument
XYZAXMJUNEX ACCRETECH-XYZAXMJUNEX Datasheet
588Kb / 4P
Compact CNC coordinate measuring machine which realizes energy saving with stable measuring accuracy
logo
KISTLER INSTRUMENT CORP...
9129A KISTLER-9129A Datasheet
1Mb / 12P
3-Component Measuring System For cutting force measurement during turning
9139A KISTLER-9139A Datasheet
1Mb / 5P
Multicomponent Dynamometer Wide force measuring range, up to 30 kN, cover plate 140x190 mm
9211B KISTLER-9211B Datasheet
329Kb / 2P
Quartz Crystal Miniature Force Sensor for Measuring Dynamic and Quasistatic Forces
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com