Electronic Components Datasheet Search
  English  ▼

X  

200P Datasheet(PDF) 1 Page - NORBAR TORQUE TOOLS LTD.

Part # 200P
Description  Production Torque Wrenches Model 5
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORBAR [NORBAR TORQUE TOOLS LTD.]
Direct Link  https://www.norbar.com/
Logo NORBAR - NORBAR TORQUE TOOLS LTD.

200P Datasheet(HTML) 1 Page - NORBAR TORQUE TOOLS LTD.

  200P Datasheet HTML 1Page - NORBAR TORQUE TOOLS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Torque Range
Square
Price Each
Model
(N-m)
(lbf.ft)
Drive
Order Code
5P
1-5
1/4"
137-5309
60P
8-60
5-45
3/8"
137-5315
200P
20-200
15-150
1/2"
137-4373
300P
30-300
22-220
1/2"
137-5319
550P
110-550
80-400
3/4"
137-5316
Fixed Scale Models
Developed specifically for the requirements of production line work. These models have no
adjustment scale and must be pre-set against an electronic torque wrench analyser or similar
instrument. Hexagon key setting prevents unauthorised adjustment. All models feature a
colour coded end cap seal to identify wrenches outside their calibration period.
Price Each
Model
Range
Square Drive
Order Code
5
1-5 N-m
0.25"
722-8892
5
10-50 lbf. in
0.25"
137-5308
Model 5
The model 5 is a unique torque wrench that offers high accuracy
and the convenience of interchangeable 1⁄4in hexagon bits. Accu-
racy better than ± 3% of full scale exceeding all torque wrench
standards. The model 5 is non length dependant maintaining
accuracy regardless of hand position. Supplied in a plastic case
with a traceable calibration certificate to satisfy ISO9000 quality systems.
486605
Production Torque Wrenches


Similar Part No. - 200P

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
200PT NELLSEMI-200PT Datasheet
803Kb / 2P
PHASE CONTRAL THYRISTORS
logo
RUBYCON CORPORATION
200PX47MEFC10X20 RUBYCON-200PX47MEFC10X20 Datasheet
172Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 200P

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
600-004 GLENAIR-600-004 Datasheet
210Kb / 1P
Torque Wrenches
600-076 GLENAIR-600-076 Datasheet
217Kb / 1P
Hand Held Torque Wrenches
logo
TE Connectivity Ltd
408-8640 TEC-408-8640 Datasheet
259Kb / 2P
Mini Torque Wrenches
408-8676 TEC-408-8676 Datasheet
187Kb / 2P
Production Torque Wrenches
logo
Pasternack Enterprises,...
PE5011-2 PASTERNACK-PE5011-2 Datasheet
317Kb / 3P
Torque Wrenches Technical Data Sheet
PE5011-3 PASTERNACK-PE5011-3 Datasheet
316Kb / 3P
Torque Wrenches Technical Data Sheet
PE5011-6 PASTERNACK-PE5011-6 Datasheet
346Kb / 3P
Torque Wrenches Technical Data Sheet
PE5011-8 PASTERNACK-PE5011-8 Datasheet
349Kb / 3P
Torque Wrenches Technical Data Sheet
PE5019-1A PASTERNACK-PE5019-1A Datasheet
367Kb / 3P
Torque Wrenches Technical Data Sheet
PE5019-19A PASTERNACK-PE5019-19A Datasheet
367Kb / 3P
Torque Wrenches Technical Data Sheet
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com