Electronic Components Datasheet Search
  English  ▼

X  

30-1007 Datasheet(PDF) 1 Page - Philmore Manufacturing Company, Inc.

Part # 30-1007
Description  SWITCHES SNAP ACTION, DIP AND ROTARY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILMORE [Philmore Manufacturing Company, Inc.]
Direct Link  https://www.philmore-datak.com/philmore.html
Logo PHILMORE - Philmore Manufacturing Company, Inc.

30-1007 Datasheet(HTML) 1 Page - Philmore Manufacturing Company, Inc.

  30-1007 Datasheet HTML 1Page - Philmore Manufacturing Company, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
175
SWITCHES SNAP ACTION, DIP AND ROTARY
Contact Rating:
50V DC 100mA @ Steady Situation
24V DC 25mA @ Make or Break
Initial Contact Resistance:
100mA, 30 Meg ohm @ initial
100mA, 100 Meg ohm after life test
Insulation Resistance:
500V DC 100 Meg ohm (Min.)
between adjacent terminals
Dielectric Strength:
500V AC for 1 minute
between adjacent terminals
Operation Life:
5,000 make-break cycles each circuit
@ test speed of 72 cycles/min.
Operation Force:
500g Max.
Shock:
Withstand of 20g 11ms sawtooth
waveform w/no contact opening
> 10 ms (microseconds)
Vibration:
No mechanical damage or intermittent
change of setting during or after test
Case & Cover Material:
UL 94V-O Polybutylene Telephtalate
Top Seal Material:
Polyester Film
Potting Material:
Epoxy
Contact Material:
Nickel, Phosphor Bronze w/Gold Plate
Terminal Material:
Nickel, Phosphor Bronze w/Gold Plate
Terminal Type:
Solder
SPECIFICATIONS:
DIP SWITCHES
ACTION PUSH BUTTON SWITCH (MOMENTARY) & SEPARATE PUSH - BUTTON ASSEMBLY
This is a big, rugged switch assembly that was originally designed for video games and computer games, where the action is hard and frequent. The plastic button
assembly is designed to accommodate any number of snap action switches; refer to the drawing of Philmore 30-2000 (in catalog) for dimensions. Switches simply
snap into place in the separate assembly, or purchase a unit complete with switch.The complete assembly, including switch, is supplied with a miniature snap action
MOMENTARY 10 @ 250VAC switch with a very light action; only 75 grams of pressure is required to activate vs, an average of more than 125 grams for most
switches of this design. The switch is protected from over - pressure by the push button assembly. Available in six colors, with or without 10 amp switch.
Catalog No.
30-771
30-772
30-773
30-774
30-775
30-776
Color
RED
WHITE
BLUE
GREEN
YELLOW
BLACK
Catalog No.
30-781
30-782
30-783
30-784
30-785
30-786
Color
RED
WHITE
BLUE
GREEN
YELLOW
BLACK
PUSH BUTTON ASSEMBLY
WITHOUT SWITCH
PUSH BUTTON ASSEMBLY
INCLUDES SWITCH
switch life cycle 100,000 (minimum)
No. Pole
1
2
2
2
3
1
1
2
3
4
Current Rating:
0.3A @ 125V AC
Initial Contact Resistance:
20 Meg ohm (MAX.)
Insulation Resistance:
DC500V-100 Meg ohm (Min.)
Withstand Voltage:
AC500V-1 minute
Rotation Torque:
1.0 + 0.5 kg/om
Shaft:
38mm Length, 6.35mm O.D.
Terminal Type:
Solder
SPECIFICATIONS:
Part No.
30-15112
30-15204
30-15205
30-15206
30-15303
30-15100
30-15106
30-15203
30-15304
30-15403
Style
Open Frame
Open Frame
Open Frame
Open Frame
Open Frame
Enclosed Contact
Enclosed Contact
Enclosed Contact
Enclosed Contact
Enclosed Contact
Type
Shorting
Shorting
Non Shorting
Shorting
Non Shorting
Non Shorting
Non Shorting
Non Shorting
Non Shorting
Non Shorting
No. Position
12
4
5
6
3
12
6
3
4
3
ROTARY SWITCHES
Mounting Hole: .375”
Open Frame
Enclosed Contact
Position
1
2
3
4
4
5
6
7
8
8
8
9
10
12
Part No.
30-11001
30-1002
30-1003
30-1004
30-11040
30-1005
30-1006
30-1007
30-1008
30-11080
30-11081
30-1009
30-1010
30-1012
Actuator
White UL 94V-O PBT
White UL 94V-O PBT
White UL 94V-O PBT
White UL 94V-O PBT
White -Side Actuated
White UL 94V-O PBT
White UL 94V-O PBT
White UL 94V-O PBT
White UL 94V-O PBT
White Side Actuated
White-Right Angle
White UL 94V-O PBT
White UL 94V-O PBT
White UL 94V-O PBT
“A” Dim.
in.
(mm)
.147
(3.74)
.260
(6.6)
.360 (9.14)
.460 (11.68)
.452 (11.48)
.560 (14.22)
.660 (16.76)
.760 (19.3)
.860 (21.84)
.845 (21.46)
.854 (21.70)
.960 (24.38)
1.06 (26.92)
1.26
(32)


Similar Part No. - 30-1007

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
30-100 GRAYHILL-30-100 Datasheet
91Kb / 1P
Convenient Snap-in Panel Mounting Choice of 6 Button Colors
logo
Anaren Microwave
30-100R ANAREN-30-100R Datasheet
528Kb / 2P
RoHS Compliant
30-100R-S ANAREN-30-100R-S Datasheet
233Kb / 2P
BeO Ceramic
More results

Similar Description - 30-1007

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
MS085R100F130S1A E-SWITCH-MS085R100F130S1A Datasheet
800Kb / 3P
SNAP ACTION SWITCHES-MINIATURE
LS0851503F040C2A E-SWITCH-LS0851503F040C2A Datasheet
279Kb / 3P
SNAP ACTION SWITCHES
TS0101F020V1 E-SWITCH-TS0101F020V1 Datasheet
304Kb / 2P
SNAP ACTION SWITCHES - SUB-MINIATURE
logo
List of Unclassifed Man...
11-304 ETC2-11-304 Datasheet
1Mb / 30P
LICON. SNAP ACTION SWITCHES
logo
Tyco Electronics
2-1825059-9 MACOM-2-1825059-9 Datasheet
89Kb / 1P
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
Rotary DIP Switches
logo
SHINMEI ELECTRIC CO., L...
MQS-53 SHINMEI-MQS-53 Datasheet
171Kb / 6P
Compact-sized Snap Action Switches
logo
TE Connectivity Ltd
SAJ1 TEC-SAJ1 Datasheet
323Kb / 3P
Snap Action Switches
SAJ2 TEC-SAJ2 Datasheet
604Kb / 4P
Snap Action Switches
SAJ3 TEC-SAJ3 Datasheet
675Kb / 5P
Snap Action Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com