Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1G86DBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC1G86DBVT
Description  SN74LVC1G86 Single 2-Input Exclusive-OR Gate
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G86DBVT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G86DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G86DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G86DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G86DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G86DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G86DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G86DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G86DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G86DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
= 1
EXCLUSIVE OR
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74LVC1G86
SCES222Q – APRIL 1999 – REVISED JUNE 2017
SN74LVC1G86 Single 2-Input Exclusive-OR Gate
1
1 Features
1
•
ESD Protection Exceeds JESD 22
–
2000-V Human-Body Model (A114-A)
–
1000-V Charged-Device Model (C101)
•
Qualified from –40°C to +125°C
•
Supports 5-V VCC Operation
•
Inputs Are Over Voltage Tolerant up to 5.5 V
•
Supports Down Translation to VCC
•
Maximum tpd of 4 ns at 3.3 V and 15-pF load
•
Low Power Consumption, 10-µA Maximum ICC At
85°C
•
±24-mA Output Drive at 3.3 V
•
Ioff Supports Partial-Power-Down Mode, and Back-
Drive Protection
•
Available in the Texas Instruments
NanoFree™ Package
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
2 Applications
•
Wireless Headsets
•
Motor Drives and Controls
•
TVs
•
Set-Top Boxes
•
Audio
3 Description
The SN74LVC1G86 device performs the Boolean
function Y = AB + AB in positive logic. This single 2-
input exclusive-OR gate is designed for 1.65-V to 5.5-
V VCC operation.
If the input is low, the other input is reproduced in
true form at the output. If the input is high, the signal
on the other input is reproduced inverted at the
output. This device has low power consumption with
maximum tpd of 4 ns at 3.3 V and 15-pF capacitive
load. The maximum output drive is ±32-mA at 4.5 V
and ±24-mA at 3.3 V.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current back flow
through the device when it is powered down.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LVC1G86DBV
SOT-23 (5)
2.90 mm × 1.60 mm
SN74LVC1G86DCK
SC70 (5)
2.00 mm × 1.25 mm
SN74LVC1G86DRL
SOT (5)
1.60 mm × 1.20 mm
SN74LVC1G86YZP
DSBGA (5)
1.44 mm × 0.94 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Block Diagram
An exclusive-OR gate has many applications, some of which can be represented better by alternative logic symbols.
These are five equivalent exclusive-OR symbols valid for an SN74LVC1G86 gate in positive logic; negation may be
shown at any two ports.


Similar Part No. - SN74LVC1G86DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G86DBVT TI-SN74LVC1G86DBVT Datasheet
351Kb / 15P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC1G86DBVT TI-SN74LVC1G86DBVT Datasheet
535Kb / 15P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC1G86DBVT TI-SN74LVC1G86DBVT Datasheet
642Kb / 16P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC1G86DBVT TI1-SN74LVC1G86DBVT Datasheet
1Mb / 24P
Single 2-Input Exclusive-OR Gate
SN74LVC1G86DBVTE4 TI-SN74LVC1G86DBVTE4 Datasheet
642Kb / 16P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
More results

Similar Description - SN74LVC1G86DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74LVC1G86 TI-SN74LVC1G86_08 Datasheet
535Kb / 15P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC1G86_081 TI-SN74LVC1G86_081 Datasheet
642Kb / 16P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86_08 Datasheet
498Kb / 12P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AHC1G86-Q1 TI1-SN74AHC1G86-Q1 Datasheet
583Kb / 12P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86_18 Datasheet
207Kb / 14P
Single 2-Input Exclusive OR Gate
November, 2018 ??Rev. 20
MC74VHC1G86 ONSEMI-MC74VHC1G86_V01 Datasheet
179Kb / 16P
Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com