Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC2G66DCUT Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LVC2G66DCUT
Description  SN74LVC2G66 Dual Bilateral Analog Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G66DCUT Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC2G66DCUT Datasheet HTML 1Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 2Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 3Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 4Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 5Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 6Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 7Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 8Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
SN74LVC2G66
www.ti.com
SCES325N – JULY 2001 – REVISED AUGUST 2018
Product Folder Links: SN74LVC2G66
Submit Documentation Feedback
Copyright © 2001–2018, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
SN74LVC2G66
UNIT
DCT (SSOP)
DCU (VSSOP)
YZP (DSBGA)
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
186.1
204.4
102
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
116.5
77
—
°C/W
RθJB
Junction-to-board thermal resistance
98.6
83.2
—
°C/W
ψJT
Junction-to-top characterization parameter
42.2
7.1
—
°C/W
ψJB
Junction-to-board characterization parameter
97.6
82.7
—
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
—
°C/W
(1)
TA = 25°C
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
ron
ON-state switch resistance
VI = VCC or GND,
VC = VIH
(see Figure 3 and Figure 1)
IS = 4 mA
1.65 V
12.5
30
Ω
IS = 8 mA
2.3 V
9
20
IS = 24 mA
3 V
7.5
15
IS = 32 mA
4.5 V
6
10
ron(p)
Peak ON-state resistance
VI = VCC to GND,
VC = VIH
(see Figure 3 and Figure 1)
IS = 4 mA
1.65 V
85
120(1)
Ω
IS = 8 mA
2.3 V
22
30(1)
IS = 24 mA
3 V
12
20
IS = 32 mA
4.5 V
7.5
15
Δron
Difference of ON-state resistance
between switches
VI = VCC to GND,
VC = VIH
(see Figure 3 and Figure 1)
IS = 4 mA
1.65 V
7
Ω
IS = 8 mA
2.3 V
5
IS = 24 mA
3 V
3
IS = 32 mA
4.5 V
2
IS(off)
OFF-state switch leakage current
VI = VCC and VO = GND or
VI = GND and VO = VCC,
VC = VIL (see Figure 4)
5.5 V
±1
μA
±0.1(1)
IS(on)
ON-state switch leakage current
VI = VCC or GND, VC = VIH, VO = Open
(see Figure 5)
5.5 V
±1
μA
±0.1(1)
II
Control input current
VC = VCC or GND
5.5 V
±1
μA
±0.1(1)
ICC
Supply current
VC = VCC or GND
5.5 V
10
μA
1(1)
ΔICC
Supply-current change
VC = VCC – 0.6 V
5.5 V
500
μA
Cic
Control input capacitance
5 V
3.5
pF
Cio(off)
Switch input / output capacitance
5 V
6
pF
Cio(on)
Switch input / output capacitance
5 V
14
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com