Electronic Components Datasheet Search
  English  ▼

X  

1833 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1833
Description  USB Micro-B Breakout Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1833 Datasheet(HTML) 2 Page - Adafruit Industries

  1833 Datasheet HTML 1Page - Adafruit Industries 1833 Datasheet HTML 2Page - Adafruit Industries 1833 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
DESCRIPTION
Simple but effective - this breakout board has a USB Micro-B connector, with all 5
pins broken out. Great for pairing with a microcontroller with USB support, or
adding USB 5V power to a project.
We use a micro-AB connector with through-hole shielding pads for an excellent
strong connection - it won't rip off by accident!
Comes with one fully assembled and tested micro B breakout PCB and a small stick
of 0.1" header so you can solder it on and plug into a breadboard.
10/5/2015
http://www.adafruit.com/products/1833



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com