Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC3G17YZP Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC3G17YZP
Description  SN74LVC3G17 Triple Schmitt-Trigger Buffer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC3G17YZP Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC3G17YZP Datasheet HTML 2Page - Texas Instruments SN74LVC3G17YZP Datasheet HTML 3Page - Texas Instruments SN74LVC3G17YZP Datasheet HTML 4Page - Texas Instruments SN74LVC3G17YZP Datasheet HTML 5Page - Texas Instruments SN74LVC3G17YZP Datasheet HTML 6Page - Texas Instruments SN74LVC3G17YZP Datasheet HTML 7Page - Texas Instruments SN74LVC3G17YZP Datasheet HTML 8Page - Texas Instruments SN74LVC3G17YZP Datasheet HTML 9Page - Texas Instruments SN74LVC3G17YZP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
0.00
5.00
10.00
0.00
1.00
2.00
3.00
4.00
5.00
6.00
Voltage (V)
C001
tpd from A to Y
CL= 30 pF or 50 pF
-ðìÙ š}íîñÙ
SN74LVC3G17
SCES470F – AUGUST 2003 – REVISED AUGUST 2015
www.ti.com
6.6 Switching Characteristics
over recommended operating free-air temperature range, CL = 30 pF or 50 pF (unless otherwise noted)
–40°C to 85°C
FROM
TO
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
TEST CONDITIONS
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
See Figure 3
4.3
9.2
2
6.2
1.2
5.4
1
4.1
tpd
A
Y
ns
See Figure 3
4.3
10.2
2
7.2
1.2
6.4
1
5.1
6.7 Operating Characteristics
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
TYP
Cpd
Power dissipation capacitance
f = 10 MHz
18
19
19
22
pF
6.8 Typical Characteristics
Figure 1. Maximum Propagation vs Delay VCC Voltage
6
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC3G17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com