Electronic Components Datasheet Search
  English  ▼

X  

1871 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1871
Description  20mm Coin Cell Breakout w/On-Off Switch (CR2032)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1871 Datasheet(HTML) 2 Page - Adafruit Industries

  1871 Datasheet HTML 1Page - Adafruit Industries 1871 Datasheet HTML 2Page - Adafruit Industries 1871 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
DESCRIPTION
Simple but effective - this sewable breakout board has a CR2032 coin cell battery
holder soldered on, an on/off switch and 0.1" pitch breakout pins for easy
connecting. Great for powering very low-current projects, or adding a battery
backup circuit to a real-time-clock or similar. There's two ground pins, one
'switched' power pin, and one pin that is always on.
Comes with one fully assembled and tested breakout plus a small stick of 0.1"
header so you can solder it on and plug into a breadboard. Coin cell battery is not
included.
11/12/2015
http://www.adafruit.com/product/1871



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com