Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC540ADGVR.B Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVC540ADGVR.B
Description  SNx4LVC540A Octal Buffers/Drivers with 3-State Outputs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC540ADGVR.B Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC540ADGVR.B Datasheet HTML 1Page - Texas Instruments SN74LVC540ADGVR.B Datasheet HTML 2Page - Texas Instruments SN74LVC540ADGVR.B Datasheet HTML 3Page - Texas Instruments SN74LVC540ADGVR.B Datasheet HTML 4Page - Texas Instruments SN74LVC540ADGVR.B Datasheet HTML 5Page - Texas Instruments SN74LVC540ADGVR.B Datasheet HTML 6Page - Texas Instruments SN74LVC540ADGVR.B Datasheet HTML 7Page - Texas Instruments SN74LVC540ADGVR.B Datasheet HTML 8Page - Texas Instruments SN74LVC540ADGVR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
SN54LVC540A, SN74LVC540A
SCAS297N – JANUARY 1993 – REVISED JUNE 2014
www.ti.com
Table of Contents
9.1
Overview ................................................................... 9
1
Features .................................................................. 1
9.2
Functional Block Diagram ......................................... 9
2
Applications ........................................................... 1
9.3
Feature Description................................................... 9
3
Description ............................................................. 1
9.4
Device Functional Modes.......................................... 9
4
Simplified Schematic............................................. 1
10
Application and Implementation........................ 10
5
Revision History..................................................... 2
10.1
Application Information.......................................... 10
6
Pin Configuration and Functions ......................... 3
10.2
Typical Application ............................................... 10
7
Specifications......................................................... 4
11
Power Supply Recommendations ..................... 11
7.1
Absolute Maximum Ratings ..................................... 4
12
Layout................................................................... 11
7.2
Handling Ratings....................................................... 4
12.1
Layout Guidelines ................................................. 11
7.3
Recommended Operating Conditions ...................... 5
12.2
Layout Example .................................................... 11
7.4
Thermal Information .................................................. 5
13
Device and Documentation Support ................. 12
7.5
Electrical Characteristics........................................... 6
13.1
Related Links ........................................................ 12
7.6
Switching Characteristics, SN54LVC540A ............... 6
13.2
Trademarks ........................................................... 12
7.7
Switching Characteristics, SN74LVC540A ............... 6
13.3
Electrostatic Discharge Caution ............................ 12
7.8
Operating Characteristics.......................................... 7
13.4
Glossary ................................................................ 12
7.9
Typical Characteristics .............................................. 7
14
Mechanical, Packaging, and Orderable
8
Parameter Measurement Information .................. 8
Information ........................................................... 12
9
Detailed Description .............................................. 9
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision M (May 2005) to Revision N
Page
•
Updated document to new data sheet standards................................................................................................................... 1
•
Deleted Ordering Information table. ....................................................................................................................................... 1
•
Added Military Disclaimer to Features list. ............................................................................................................................ 1
•
Added Device Information table. ............................................................................................................................................ 1
•
Added Handling Ratings table. .............................................................................................................................................. 4
•
Changed MAX ambient temperature to 125°C....................................................................................................................... 5
•
Added Thermal Information table. .......................................................................................................................................... 5
•
Added Typical Characteristics. .............................................................................................................................................. 7
•
Added Device and Documentation Support. ........................................................................................................................ 12
•
Added ESD warning. ............................................................................................................................................................ 12
•
Added Mechanical, Packaging, and Orderable Information. ................................................................................................ 12
2
Submit Documentation Feedback
Copyright © 1993–2014, Texas Instruments Incorporated
Product Folder Links: SN54LVC540A SN74LVC540A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com