Electronic Components Datasheet Search
  English  ▼

X  

1966 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1966
Description  Cell phone TRRS Headset Earbud Headphones w/ Microphone
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1966 Datasheet(HTML) 2 Page - Adafruit Industries

  1966 Datasheet HTML 1Page - Adafruit Industries 1966 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
device that uses a TRRS pinout. The buds themselves are 16mm in diameter
with a nice 40" long. They come with a standard 4-pole TRRS headphone jack
and have a small microphone for phone calls.
We may change the model up but for now they are 'OEM' Apple-looking brand in
black.
Technical Details
•
Headphone Diameter: 16mm / .63"
•
Cable Length: 101.6 cm / 40"
•
3.5mm TRRS connector: Tip is Left audio, Ring1 is Right audio, Ring2 is
Ground and Sleeve is Mic +
https://www.adafruit.com/product/1966 2-6-24



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com