Electronic Components Datasheet Search
  English  ▼

X  

2017 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 2017
Description  Mini Solderless Breadboard - 2x4 Points
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2017 Datasheet(HTML) 1 Page - Adafruit Industries

  2017 Datasheet HTML 1Page - Adafruit Industries 2017 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
Mini Solderless Breadboard - 2x4 Points
PRODUCT ID: 2017  
 
 
 
Description 
Add a micro‐slice standard solderless breadboard to your Perma‐Proto or other perf‐board. This 2x4 
point solder‐less breadboard is a good way to add some solderless prototyping space if you just need to 
have a couple points. In our example photo, we put a chip and some jumper wires in the breadboard, 
but you can use anything with 0.1" spaced header. 
Comes with one 18mm x 8mm x 8mm piece of solder‐less breadboard.  There are two white posts on 
the bottom for PCB positioning. In our example we snapped those off and soldered two of them into 
our Perma‐Proto. 
 


Similar Part No. - 2017

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
2017 XFMRS-2017 Datasheet
18Kb / 1P
RESISTOR MODULES
logo
Heyco.
2017 HEYCO-2017 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
logo
Bourns Electronic Solut...
2017-09 BOURNS-2017-09 Datasheet
594Kb / 3P
Gas Discharge Tube Surge Arrestor with FLAT짰 Technology
2017-09-A-RPLF BOURNS-2017-09-A-RPLF Datasheet
534Kb / 3P
Gas Discharge Tube Surge Arrestor with FLAT Technology
2017-09-SMC-RPLF BOURNS-2017-09-SMC-RPLF Datasheet
534Kb / 3P
Gas Discharge Tube Surge Arrestor with FLAT Technology
More results

Similar Description - 2017

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX10460 AXIOMTEK-AX10460 Datasheet
211Kb / 1P
PC/104 breadboard
logo
SparkFun Electronics
DEV-11235 SPARKFUN-DEV-11235 Datasheet
94Kb / 1P
Arduino and Breadboard Holder
5??6??7
PRT-08376 SPARKFUN-PRT-08376 Datasheet
172Kb / 2P
SparkFun Breadboard Power Supply USB -
8/5/2016
PRT-12043 SPARKFUN-PRT-12043 Datasheet
328Kb / 1P
Breadboard ??Mini Modular (White)
5??6??7
PRT-12044 SPARKFUN-PRT-12044 Datasheet
105Kb / 1P
Breadboard ??Mini Modular (Red)
5??6??7
PRT-12045 SPARKFUN-PRT-12045 Datasheet
111Kb / 1P
Breadboard ??Mini Modular (Blue)
5??6??7
PRT-12046 SPARKFUN-PRT-12046 Datasheet
101Kb / 1P
Breadboard ??Mini Modular (Green)
5??6??7
PRT-12047 SPARKFUN-PRT-12047 Datasheet
107Kb / 1P
Breadboard ??Mini Modular (Black)
5??6??7
PRT-12070 SPARKFUN-PRT-12070 Datasheet
100Kb / 1P
SparkFun Solder-able Breadboard
4/16/2015
PRT-12702 SPARKFUN-PRT-12702 Datasheet
101Kb / 1P
SparkFun Solder-able Breadboard - Mini
4/16/2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com