Electronic Components Datasheet Search
  English  ▼

X  

2018 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 2018
Description  Mini Solderless Breadboard - 2x8 Points
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2018 Datasheet(HTML) 1 Page - Adafruit Industries

  2018 Datasheet HTML 1Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mini Solderless Breadboard - 2x8 Points
PRODUCT ID: 2018
Description
Add a micro-slice standard solderless breadboard to your Perma-Proto or other perf-board. This 2x8 point
solder-less breadboard is a good way to add some solderless prototyping space if you just need to have a
couple points. In our example photo, we put a Trinket in the breadboard, but you can use anything with
0.1" spaced header.
Comes with one 29mm x 8mm x 8mm piece of solder-less breadboard. There are two white posts on the
bottom for PCB positioning. In our example we snapped those off and soldered two of them into our
Perma-Proto.
Technical Details
o
2 rows of 8 holes
o
Breadboard: 29mm x 8mm x 8mm / 1.1" x 0.3" x 0.3"
o
Metal pins: 3mm
o
Weight: 2.2g
                               Engineered in NYC Adafruit ® https://www.adafruit.com/product/2018 7‐3‐17 


Similar Part No. - 2018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2018 ETC2-2018 Datasheet
1Mb / 5P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Bourns Electronic Solut...
2018 BOURNS-2018 Datasheet
586Kb / 4P
Gas Discharge Tube Surge Arrestor with FLAT Technology
logo
Heyco.
2018 HEYCO-2018 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
logo
Bourns Electronic Solut...
2018-09 BOURNS-2018-09 Datasheet
347Kb / 3P
Gas Discharge Tube Surge Arrestor with FLAT Technology
2018-09-SMH-RPLF BOURNS-2018-09-SMH-RPLF Datasheet
586Kb / 4P
Gas Discharge Tube Surge Arrestor with FLAT Technology
More results

Similar Description - 2018

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFATM8E-STACK16-4 XFMRS-XFATM8E-STACK16-4 Datasheet
136Kb / 2P
2x8 STACKED COMBO
XFATM13A-STACK16-4 XFMRS-XFATM13A-STACK16-4 Datasheet
63Kb / 2P
2x8 STACKED COMBO
XFATM13B-STACK16-4 XFMRS-XFATM13B-STACK16-4 Datasheet
65Kb / 2P
2x8 STACKED COMBO
logo
JFW Industries, Inc.
50MS-342 JFW-50MS-342 Datasheet
92Kb / 1P
2x8 MATRIX SWITCH
logo
SparkFun Electronics
PRT-12043 SPARKFUN-PRT-12043 Datasheet
328Kb / 1P
Breadboard ??Mini Modular (White)
5??6??7
PRT-12044 SPARKFUN-PRT-12044 Datasheet
105Kb / 1P
Breadboard ??Mini Modular (Red)
5??6??7
PRT-12045 SPARKFUN-PRT-12045 Datasheet
111Kb / 1P
Breadboard ??Mini Modular (Blue)
5??6??7
PRT-12046 SPARKFUN-PRT-12046 Datasheet
101Kb / 1P
Breadboard ??Mini Modular (Green)
5??6??7
PRT-12047 SPARKFUN-PRT-12047 Datasheet
107Kb / 1P
Breadboard ??Mini Modular (Black)
5??6??7
PRT-12702 SPARKFUN-PRT-12702 Datasheet
101Kb / 1P
SparkFun Solder-able Breadboard - Mini
4/16/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com