Electronic Components Datasheet Search
  English  ▼

X  

2565 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2565
Description  NinjaFlex - 1.75mm Diameter - Flamingo Pink - .50 Kg
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2565 Datasheet(HTML) 2 Page - Adafruit Industries

  2565 Datasheet HTML 1Page - Adafruit Industries 2565 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Details
o
Features:
Filament shore hardness of approximately 85A
Consistent diameter and material properties provide reliable, high quality prints
Patent pending technology allows for smooth feeding
Low tack, low CoF exterior allows smooth feed through filament guides
High elasticity and excellent abrasion resistance
Excellent build platform adhesion and bonding between layers
REACH and RoHS 2002/95/EC Directive Compliant
1.75mm filament spool = .50 kg
o
Processing Guidelines:
Recommended extruder temperature: 210 - 225°C
Recommended platform temperature: 30 - 40°C
 
                                                                      Engineered in NYC Adafruit ® 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com