Electronic Components Datasheet Search
  English  ▼

X  

3104 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3104
Description  Mini Illuminated Momentary Pushbutton Red Power Symbol
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3104 Datasheet(HTML) 2 Page - Adafruit Industries

  3104 Datasheet HTML 1Page - Adafruit Industries 3104 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The tact switch is about the same size as 6mm tactile switches and can snap
into a breadboard. There are an additional two pins that connect to the anode
and cathode of a small LED that shines through the top.
Note that this is a momentary button, not an on-off switch! Also, the LED is not
connected to the switch in any way, and does not include a resistor. You'll need
to add your own ~1K resistor and control the LED with a microcontroller pin or
whatever you like.
The cathode of the LED is the pin closest to the 'line' half of the power symbol.
This is the Red version of this button - we also sell it in Blue!
Technical Details
•
Product Diameter: 9.8mm / 0.4"
•
Product Height: 8mm / 0.3"
•
Voltage rating for tactile switch: 12V
•
Current rating for tactile switch: 50mA
•
Current rating for LED: ~10mA
•
Product Weight: 0.4g/0.0oz
datasheet
https://www.adafruit.com/product/3104 2-6-24



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com