Electronic Components Datasheet Search
  English  ▼

X  

8300 Datasheet(PDF) 2 Page - 3M Electronics

Part # 8300
Description  3M™ D Sub Socket Connector, 8300 Series Socket Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8300 Datasheet(HTML) 2 Page - 3M Electronics

  8300 Datasheet HTML 1Page - 3M Electronics 8300 Datasheet HTML 2Page - 3M Electronics 8300 Datasheet HTML 3Page - 3M Electronics 8300 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electronics Materials Solutions Division
Interconnect Solutions
http://www.3M.com/interconnect
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
8300 Series
3M™ D Sub Socket Connector, 8300 Series
Socket Connector
Inch
[mm]
Tolerance Unless Noted
.0
.00
.000
Inch
±.1
±.01
±.005
[ ] Dimensions for Reference Only
Ordering Information
Connector
83XX - X00X
09 = 9 Position
15 = 15 Position
25 = 25 Position
37 = 37 Position
TS-0235-H
Sheet 2 of 3
Cover Style:
6= Open Cover
7= Closed Cover
8=Open Cover,
W/O Adhesive, Preassembled
Mounting Style:
0 = Ø .120 [ 3.05 ] (E1 & C1 apply)
3 = 4-40 UNC (E5 & C3 apply)
9 = Rivet Crimp (E1 & C1 apply)
Contact
Quantity
Assembly tools: 3M™ Standard Assembly Press 3640 (or equivalent), 3M™ Locator Plate, 3443-106N, 3M™ Platen 3442-9.
.384
[ 9.75 ]
.42 Ref
[ 10.6 ]
.25
[ 6.3 ]
.65
[ 16.6 ]
Assembled
Thickness
+.00
-.01
A
12
11
3
2
9
1
8
1
7
1
6
1
5
1
4
1
25
24
23
22
21
10° Typ
.31
[ 7,9 ]
B
C
Position 1
.11 Ref
[ 2.8 ]
See Page 3
Details
.0545 Typ
[ 1.384 ]
.050 Typ
[ 1.27 ]
Adhesive w/Liner
E
D
Closed End
Cover
Open End
Cover 1
1
.49
[ 12.4 ]
4
5
7
8
10
9
13
Contact
Quantity
Dimensions
A
B
C
D
E
F ± .008
G
9
1.23 [31.2]
0.64 [16.33]
0.98 [25.0]
0.46 [11.75]
0.67 [16.92]
0.70 [17.9]
0.04 [1.0]
15
1.54 [39.2]
0.97 [24.67]
1.31 [33.3]
0.76 [19.4]
0.99 [25.2]
1.03 [26.1]
0.05 [1.2]
25
2.09 [53.0]
1.51 [38.37]
1.85 [47.0]
1.27 [32.2]
1.54 [39.0]
1.56 [39.7]
0.06 [1.4]
37
2.73 [69.4]
2.16 [54.82]
2.50 [63.5]
1.87 [47.6]
2.19 [55.56]
2.22 [56.3]
0.07 [1.8]
Strain Relief
(Order Separately)
3448 - 8DXXA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com