Electronic Components Datasheet Search
  English  ▼

X  

P50 Datasheet(PDF) 1 Page - 3M Electronics

Part # P50
Description  3M™ Pak 50 Socket .050" Straight and Right Angle Socket, with Ret. Clips, Fing. Option
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

P50 Datasheet(HTML) 1 Page - 3M Electronics

  P50 Datasheet HTML 1Page - 3M Electronics P50 Datasheet HTML 2Page - 3M Electronics P50 Datasheet HTML 3Page - 3M Electronics P50 Datasheet HTML 4Page - 3M Electronics P50 Datasheet HTML 5Page - 3M Electronics P50 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3M™ Pak 50 Socket
.050" Straight and Right Angle Socket, with Ret. Clips, Fing. Option
P50 Series
• Contact design features two contact points and
straight beam construction for connector
reliability and low insertion force
• Available retention clip secures connector for
wave soldering eliminating additional hardware
expenses
• Horizontal, parallel or vertical mating available
• Insulator design prevents mis-insertion errors
and contact damage
• Available with and without flanges
• RoHS* compliant
Date Modified: November 11, 2006
TS-2047-03
Sheet 1 of 5
Physical
Insulation
Material:
Glass Filled Nylon
Flammability: UL 94V-0
Color:
Black
Contact
Material:
Phosphor Bronze
Plating
Underplating:
Nickel
Wiping Area:
10 p" [ 0.25 pm ] Gold
Solder Tails:
Gold Flash
Retaining Clips:
Tin-Copper
Electrical
Current Rating:
0.5 A
Insulation Resistance:
>1 x 103 Q at 500 V
DC
Withstanding Voltage:
650 V
AC for 1 minute
Environmental
Temperature Rating:
-55°C to +85°C
Process Rating:
260°C (per J-STD-020C)
"RoHS compliant" means that the product or part does not contain any of the following substances in excess of the following maximum concentration values
in any homogeneous material, unless the substance is in an application that is exempt under RoHS: (a) 0.1% (by weight) for lead, mercury, hexavalent
chromium, polybrominated biphenyls or polybrominated diphenyl ethers; or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in writing,
this information represents 3M's knowledge and belief based upon information provided by third party suppliers to 3M.
UL File No.: E68080
3M
Interconnect Solutions
h ttp: //www. 3 M. co m/i n te rco n n ects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373


Similar Part No. - P50

ManufacturerPart #DatasheetDescription
logo
3M Electronics
P50 3M-P50 Datasheet
1Mb / 7P
3M™ Pak 50 Boardmount Plug .050" Through-Hole, Straight and Right Angle, with Ret. Clips, Flng. Option
February 10, 2010
P50-040S-R1-TG 3M-P50-040S-R1-TG Datasheet
486Kb / 6P
High density connectors with up to 200 contacts
10-Mar-2003
P50-068-DDS-EA 3M-P50-068-DDS-EA Datasheet
984Kb / 6P
050 Straight and Right Angle, Cable Mount
P50-080P-R1-EA 3M-P50-080P-R1-EA Datasheet
1Mb / 7P
3M™ Pak 50 Boardmount Plug .050" Through-Hole, Straight and Right Angle, with Ret. Clips, Flng. Option
February 10, 2010
logo
SICK AG
P50-1 SICK-P50-1 Datasheet
588Kb / 4P
Accessory
2024-05-15 00:17:11
More results

Similar Description - P50

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3473-6000 3M-3473-6000 Datasheet
461Kb / 3P
3M Pak 100 Wiremount Socket
28-Jan-2005
89110-0001HA 3M-89110-0001HA Datasheet
412Kb / 3P
3M Pak 100 Preassembled Wiremount Socket
17-May-2004
8350 3M-8350 Datasheet
321Kb / 4P
3M™ D Sub Socket
10-Jan-2007
9601026202AR 3M-9601026202AR Datasheet
548Kb / 5P
3M™ Boardmount Socket
14-Feb-2008
9631032000ARTP 3M-9631032000ARTP Datasheet
429Kb / 5P
3M™ Through-Board Socket
16-Oct-2008
9662046702AR 3M-9662046702AR Datasheet
276Kb / 5P
3M™ Through-Board Socket
16-Oct-2008
950408-5002-AR 3M-950408-5002-AR Datasheet
566Kb / 4P
3M™ Boardmount Socket
24-Apr-2012
3435-0 3M-3435-0 Datasheet
470Kb / 3P
3M™ Pak 100 Wiremount Socket
28-Jan-2005
M3BMK-1618J 3M-M3BMK-1618J Datasheet
1Mb / 4P
3M Wiremount Socket
12-Oct-2011
P25LE-030S-DA 3M-P25LE-030S-DA Datasheet
830Kb / 3P
3M Pak 50 Low Profile Wiremount Socket
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com