Electronic Components Datasheet Search
  English  ▼

X  

3141 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3141
Description  Premium Female/Female Raw Custom Jumper Wires - 40 x 6" (150mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3141 Datasheet(HTML) 2 Page - Adafruit Industries

  3141 Datasheet HTML 1Page - Adafruit Industries 3141 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Details 
o
Each wire is 28 AWG (7 strands @ 36 AWG)
Product Dimensions: 190.0mm x 55.2mm x 2.4mm / 7.5" x 2.2" x 0.1"
Product Weight: 27.0g / 1.0oz
                              Engineered in NYC Adafruit ® https://www.adafruit.com/product/3141 5‐5‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com