Electronic Components Datasheet Search
  English  ▼

X  

3350 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3350
Description  Rugged Metal Pushbutton - 16mm 6V RGB Momentary
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3350 Datasheet(HTML) 2 Page - Adafruit Industries

  3350 Datasheet HTML 1Page - Adafruit Industries 3350 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Details 
o
Drill hole diameter: 16mm 
o
Switch current: not rated, we recommend no more than 1A / 24VDC 
o
Switch contacts: 1 set normally open 
o
Material: Chrome plated brass 
o
Contact resistance: < 50 mOhm 
o
Insulation resistance: > 1000 Mohm 
o
Temperature: ‐20 C to +55 C 
o
Mechanical life: > 500,000 
o
Electrical life: > 50,000 
o
Panel thickness: 1‐7mm 
o
Operating pressure: 1.5 ‐ 2.5 N 
o
Operating stroke: 2mm 
o
Lamp rated voltage: 6V 
Product Dimensions: 22.0mm x 22.0mm x 19.5mm / 0.9" x 0.9" x 0.8"  
Product Weight: 11.6g / 0.4oz  
 
 
 
 
 
                                                               https://www.adafruit.com/product/3350 2‐12‐18 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com