Electronic Components Datasheet Search
  English  ▼

X  

HMC389LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC389LP4
Description  MMIC VCO w/ BUFFER AMPLIFIER, 3.35 - 3.55 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC389LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC389LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC389LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC389LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC389LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC389LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC389LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
10
10 - 32
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
General Description
Features
Functional Diagram
The HMC389LP4 & HMC389LP4E are GaAs InGaP
Heterojunction Bipolar Transistor (HBT) MMIC VCOs
with
integrated
resonators,
negative
resistance
devices,
varactor diodes,
and
buffer
amplifiers.
Covering 3.35 to 3.55 GHz, the VCO’s phase noise
performance is excellent over temperature, shock,
vibration and process due to the oscillator’s mono-
lithic structure. Power output is 4.7 dBm typical from
a single supply of 3V @ 41mA. The voltage controlled
oscillator is packaged in a low cost leadless QFN 4x4
mm surface mount package.
Pout: +4.7 dBm
Phase Noise: -112 dBc/Hz @100 KHz
No External Resonator Needed
Single Supply: 3V @ 41 mA
QFN Leadless SMT Package, 16 mm2
Typical Applications
Low noise MMIC VCO w/Buffer Amplifier for:
• Wireless Local Loop (WLL)
• VSAT & Microwave Radio
• Test Equipment & Industrial Controls
• Military
Electrical Specifications, T
A = +25° C, Vcc = +3V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
3.35 - 3.55
GHz
Power Output
1.5
4.7
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RF Output
-112
dBc/Hz
Tune Voltage (Vtune)
0
10
V
Supply Current (Icc) (Vcc = +3.0V)
41
mA
Tune Port Leakage Current
10
μA
Output Return Loss
6dB
Harmonics
2nd
3rd
-7
-16
dBc
dBc
Pulling (into a 2.0:1 VSWR)
3.3
MHz pp
Pushing @ Vtune= +5V
-3
MHz/V
Frequency Drift Rate
0.4
MHz/°C
MMIC VCO w/ BUFFER
AMPLIFIER, 3.35 - 3.55 GHz
v03.0507
HMC389LP4 / 389LP4E


Similar Part No. - HMC389LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC389LP4 HITTITE-HMC389LP4 Datasheet
271Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 3.35 - 3.55 GHz
HMC389LP4 HITTITE-HMC389LP4 Datasheet
246Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 3.35 - 3.55 GHz
HMC389LP4E HITTITE-HMC389LP4E Datasheet
246Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 3.35 - 3.55 GHz
HMC389LP4 HITTITE-HMC389LP4_08 Datasheet
246Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 3.35 - 3.55 GHz
More results

Similar Description - HMC389LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC389LP4 HITTITE-HMC389LP4 Datasheet
271Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 3.35 - 3.55 GHz
HMC390LP4 HITTITE-HMC390LP4 Datasheet
281Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 3.55 - 3.9 GHz
HMC384LP4 HITTITE-HMC384LP4_06 Datasheet
314Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.05 - 2.25 GHz
HMC390LP4 HITTITE-HMC390LP4_06 Datasheet
365Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 3.55 - 3.9 GHz
HMC358MS8G HITTITE-HMC358MS8G_08 Datasheet
202Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC385LP4 HITTITE-HMC385LP4_08 Datasheet
245Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
HMC389LP4 HITTITE-HMC389LP4_08 Datasheet
246Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 3.35 - 3.55 GHz
HMC390LP4 HITTITE-HMC390LP4_08 Datasheet
252Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 3.55 - 3.9 GHz
HMC391LP4 HITTITE-HMC391LP4_09 Datasheet
238Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 3.9 - 4.45 GHz
HMC430LP4 HITTITE-HMC430LP4_08 Datasheet
231Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.0 - 5.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com