Electronic Components Datasheet Search
  English  ▼

X  

SBP830 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SBP830
Description  CURRENT 8.0Amperes VOLTAGE 20 to 100 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SBP830 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SBP830 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SBP830 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE (℃)
0
150
100
50
SINGLE PHASE
HALF WAVE 50Hz
INDUCTIVE OR
RESISTIVE LOAD
0
6.0
8.0
4.0
2.0
10
──
SBP820-SBP840
- - - SBP850-SBP8100
FIG.4-TYPICAL JUNCTION CAPACITANCE
100
4000
1000
200
2000
0.1
100
10
1.0
40 60
0.4
──
SBP850-SBP8100
- - - SBP840-SBP840
REVERSE VOLTAGE.VOLTS
NUMBER OF CYCLES AT 60Hz
FIG.5-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
125
145
140
135
130
150
1.0
100
10
5.0
2.0
50
20
FIG.2-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
SBP820-SBP840
SBP850-SBP8100
TJ=25℃
PULSE WIDTH=300㎲
1% DUTY CYCLE
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
40
1.0
0.1
2
9
8
7
6
5
4
3
10
FIG.3-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE(VOLTS)
0.001
10
1.0
0.1
0.01
TC=25℃
100
80
60
40
20
140
120
TC=150℃
TC=125℃
TC=75℃
──
SBP820-SBP840
- - - SBP850-SBP8100
RATINGS AND CHARACTERISTIC CURVES SBP820 THRU SBP8100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com