Electronic Components Datasheet Search
  English  ▼

X  

EAP102 Datasheet(PDF) 1 Page - Edgecore Networks Corporation

Part # EAP102
Description  INDOOR WI-FI 6 ACCESS POINT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

EAP102 Datasheet(HTML) 1 Page - Edgecore Networks Corporation

  EAP102 Datasheet HTML 1Page - Edgecore Networks Corporation EAP102 Datasheet HTML 2Page - Edgecore Networks Corporation EAP102 Datasheet HTML 3Page - Edgecore Networks Corporation EAP102 Datasheet HTML 4Page - Edgecore Networks Corporation EAP102 Datasheet HTML 5Page - Edgecore Networks Corporation EAP102 Datasheet HTML 6Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet
Copyright © 2023 Edgecore Networks Corporation
The EAP102 is an enterprise-grade, concurrent dual-band Wi-Fi 6 indoor access point. The
EAP102 supports 5G 4x4:4 uplink and downlink MU-MIMO between the AP and multiple clients,
with up to 2.9 Gbps aggregated data rate. The EAP102 is equipped with a Bluetooth Low Energy
(BLE) radio, enabling value-added applications such as iBeacon.
The EAP102 can be operated in a standalone mode or managed by Edgecore’s ecCLOUD and
EWS-Series controllers.
EAP102
INDOOR WI-FI 6 ACCESS POINT
INTRODUCTION
HIGHLIGHTS
• Concurrent Dual-Band 2.4 GHz & 5 GHz
• 802.11ax 4x4:4 UL MU-MIMO supporting up to 2.9 Gbps data rate
• Support up to 32 ESSIDs
• Enterprise-Grade Wireless Security
• Bluetooth Low Energy (BLE)
• 802.3at Power over Ethernet (PoE)


Similar Part No. - EAP102

ManufacturerPart #DatasheetDescription
logo
Edgecore Networks Corpo...
EAP101 EDGE-CORE-EAP101 Datasheet
302Kb / 6P
INDOOR WI-FI 6 ACCESS POINT
EAP104 EDGE-CORE-EAP104 Datasheet
438Kb / 5P
INDOOR WALL-PLATE WI-FI 6 ACCESS POINT
EAP105 EDGE-CORE-EAP105 Datasheet
459Kb / 4P
INDOOR WI FI 7 ACCESS POINT
More results

Similar Description - EAP102

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPF4526 QORVO-QPF4526 Datasheet
153Kb / 2P
Wi-Fi 6 Front End Module
QPF4588A QORVO-QPF4588A Datasheet
163Kb / 2P
Wi-Fi 6 Front End Module
QPF4551 QORVO-QPF4551 Datasheet
151Kb / 2P
Wi-Fi 6 Front End Module
QPF4288A QORVO-QPF4288A Datasheet
163Kb / 2P
Wi-Fi 6 Front End Module
QPF4211 QORVO-QPF4211 Datasheet
153Kb / 2P
Wi-Fi 6 Front End Module
logo
AVX Corporation
1000146 AVX-1000146 Datasheet
2Mb / 16P
Wi -Fi 6 & Wi Wi-Fi 6E or CBRS/n78 Stamped Metal Embedded Antenna
8/25/2022 Rev. 1
logo
Advantech Co., Ltd.
EKI-6333AC-2GD ADVANTECH-EKI-6333AC-2GD Datasheet
393Kb / 2P
IEEE 802.11 a/b/g/n/ac Wi-Fi Access Point
27-Jun-2022
logo
AVX Corporation
A1000146 AVX-A1000146 Datasheet
2Mb / 16P
Automotive Wi-Fi 6 & Wi-Fi 6E or CBRS/n78 Stamped Metal Antenna
8/22/2022 Rev 0
logo
Lanner All Rights Reser...
LWR-X8460-DM LANNER-LWR-X8460-DM Datasheet
595Kb / 2P
High-Capacity Wi-Fi 6E Tri-Band Access Point
V4-2022.3.22
logo
Multi-Tech Systems, Inc...
86002252 MULTITECH-86002252 Datasheet
344Kb / 2P
Wi-Fi Access Point for CBRS Cellular Networks
2021-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com