Electronic Components Datasheet Search
  English  ▼

X  

LCS Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # LCS
Description  Reversible Liquid Crystal Polyester Film/Plastic Sheet With Adhesive Back
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

LCS Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  LCS Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
F-15
Reversible Liquid Crystal
Polyester Film/Plastic Sheet
With Adhesive Back
These versatile liquid crystal polyester film/
plastic sheets can easily be cut to any
size. With a fast response time, these
temperature-indicating sheets provide a
quick visual readout in laboratory, testing
and evaluation applications. Sheets are
available in 31 x 31 cm (12 x 12") size or as
a kit consisting of six 15 x 31 cm (6 x 12")
sheets,approximately 0.25 mm (0.01") thick.
A sample pack, including six 15 x 31 cm
(6 x 12") sheets, one from each temperature
range, is also available as shown in the
ordering matrix.
Ordering Examples: LCS-77, individual 31 x 31 cm (12 x 12") sheets.
LCS-95-KIT, includes 6 sheets, each measuring 15 x 31 cm (6 x 12"), range of 30 to 35°C (86 to 95°F).
polyester
film/plastic
sheet
example
BroWN Just above rating
GreeN at rated temperature
BlUe
Just below rating
BlacK otherwise
LCS-77, shown much smaller than actual size.
Individual Sheets
Available
[31 x 31 cm (12 x 12")]
Kit Includes
6 Sheets
[15 x 31 cm (6 x 12")]
LCS Series
U
Easy-to-Read
U
Self-Adhesive
U
Reusable
Specifications
Adhesive Tape: Double-coated adhesive tape
Covering Film: Polyester 5 mil stock
Color Change Material: Non-toxic mixture of
liquid crystal esters
Accuracy: ±1ºC
Storage Temperature: 21ºC (70ºF) and 50% relative humidity
Application Data: Apply temperature indicating label to
clean, dry surface. Read temperature after colors stop
changing. Green is correct reading. If no green is present,
temperature reading is between the blue and tan
colored boxes
Function: Display of temperature, as indicated by
green event
To Order Visit omega.com/lcs_labels for Pricing and Details
Individual 31 x 31 cm
Kit, Six 15 x 31 cm
(12 x 12") Sheet
(6 x 12") Sheets
Model No.
Model No.
Temperature Range
LCS-77
LCS-77-KIT
20 to 25°C (68 to 77°F)
LCS-86
LCS-86-KIT
25 to 30°C (77 to 86°F)
LCS-95
LCS-95-KIT
30 to 35°C (86 to 95°F)
LCS-97
LCS-97-KIT
35 to 36°C (95 to 97°F)
LCS-104
LCS-104-KIT
35 to 40°C (95 to 104°F)
LCS-113
LCS-113-KIT
40 to 45°C (104 to 113°F)
LCS-KIT
Six sheets, one of each temperature
range, listed above


Similar Part No. - LCS

ManufacturerPart #DatasheetDescription
logo
C&K Components
LCS CK-COMPONENTS-LCS Datasheet
213Kb / 4P
Subminiature Sealed Snap-acting Switches
logo
Visual Communications C...
LCS VCC-LCS Datasheet
89Kb / 1P
5MM THREADED MOISTURE SEALED LITEPIPE
logo
TE Connectivity Ltd
LCS TEC-LCS Datasheet
253Kb / 4P
HORIZONTAL COMPACT SHORT-SWING LIQUID LEVEL SENSORS
logo
M-System Co.,Ltd.
LCS MSYSTEM-LCS Datasheet
118Kb / 3P
Plug-in Signal Conditioners M-UNIT
logo
C&K Components
LCS CK-COMPONENTS-LCS Datasheet
538Kb / 4P
Small Size Sealed Snap-acting Switches
31 May 21
More results

Similar Description - LCS

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-18-128160ZF-CTXL NEWHAVEN-NHD-18-128160ZF-CTXL Datasheet
420Kb / 7P
TFT (Thin-Film Transistor) Liquid Crystal Display Module
NHD-24-240320SF-CTXI NEWHAVEN-NHD-24-240320SF-CTXI Datasheet
695Kb / 9P
TFT (Thin-Film Transistor) Liquid Crystal Display Module
NHD-1.8-128160EF-CSXN NEWHAVEN-NHD-1.8-128160EF-CSXN Datasheet
920Kb / 11P
TFT (Thin-Film Transistor) Liquid Crystal Display Module
NHD-1.8-128160EF-CSXN-F NEWHAVEN-NHD-1.8-128160EF-CSXN-F Datasheet
904Kb / 11P
TFT (Thin-Film Transistor) Liquid Crystal Display Module
NHD-1.8-128160EF-CTXI NEWHAVEN-NHD-1.8-128160EF-CTXI Datasheet
1Mb / 11P
TFT (Thin-Film Transistor) Liquid Crystal Display Module
NHD-2.4-240320CF-CSXN-FT NEWHAVEN-NHD-2.4-240320CF-CSXN-FT Datasheet
629Kb / 11P
TFT (Thin-Film Transistor) Liquid Crystal Display Module
NHD-2.4-240320CF-CTXI-FT NEWHAVEN-NHD-2.4-240320CF-CTXI-FT Datasheet
617Kb / 11P
TFT (Thin-Film Transistor) Liquid Crystal Display Module
logo
List of Unclassifed Man...
CLAA070MA0ACW ETC1-CLAA070MA0ACW Datasheet
608Kb / 17P
Thin Film Transistor Liquid Crystal Display
logo
3M Electronics
AL-36NC 3M-AL-36NC Datasheet
226Kb / 2P
Polyester-Laminated Aluminum Foil with Acrylic Adhesive
2004
AL-37BLK 3M-AL-37BLK Datasheet
228Kb / 2P
Black Polyester Film (Matte Finish) Laminated Aluminum Foil with Conductive Acrylic Adhesive
2004
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com