Electronic Components Datasheet Search
  English  ▼

X  

FP7007 Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # FP7007
Description  Paddlewheel Flow and Temperature Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

FP7007 Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  FP7007 Datasheet HTML 1Page - Omega Engineering, Inc. FP7007 Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F-22
F
SPECiFiCATiONS
Accuracy: ±2% of full scale
Repeatability: ±1% of full scale
Power: 5 to 18 Vdc @ 10 mA maximum
Wetted Materials: FP7001A sensor: polypropylene body,
PVDF paddle, FKM O-ring, 316SS shaft. Galvanized iron
tee includes brass insert and locking nut. PVC tee has PVC
insert and locking nut.
Fluid Temperature/Pressure Range: Do not exceed
the maximum ratings of your piping. Depending
on the material of the fitting, the operating temperature/
pressure may be limited by your piping and not
by the sensor. For all PVC tee fittings, do not
exceed 150 psig @ 27°C (80°F), 100 psig @ 38°C
(100°F), 60 psig @ 49°C (120°F) 30 psig @ 60°C
(140°F), due to the insert in the tee.
FP7001A sensor: 0 to 26°C (32 to 80°F) up to
150 psig; max. pressure decreases 1.1 psig
per each 0.56°C (1°F) above 27°C (80°F) for a
maximum temperature of 93°C (200°F) at
18 psig maximum
Frequency Output: Nominal 1 Hz/fps.
amplitude of open collector pulse =
Vdc input power
Cable Length: 2.4 m (8')
Weight:
FP7001A: 0.2 kg (1⁄2 lb)
Maximum Viscosity: 5 cps
Temperature Sensor
Specifications
Range: 2 to 150°C (36 to 302°F)
Accuracy: ±1°C
Output: 10 mV/°C
Power: 5 to 18 Vdc
To purchase a complete system, order:
1) Flow Sensor
2) Installation Fitting
3) Electronics
Ordering Example:
FP7001A sensor (polypropylene
body/316SS shaft),
FP7012 PVC
installation fitting, and
DPF701
panel meter.
Required installation Fittings (includes Locking Nut)
DPF700 Series compatible indicators, for flowrate, total
or batch control, (sold separately); iSeries indicators for
temperature measurement (sold separately).
PVC, Schedule 40
Galvanized iron Tee
Model
Lay Length
K
Pipe Size
K
Range
No.
meters (inch)
Factor Model No.
NPT
Factor
(GPM)
FP7007
0.53 (21)
108.78
FP7007-Gi
3
⁄4
159.85
2 to 30
FP7010
0.66 (26)
70.53
FP7010-Gi
1
82.94
3 to 50
FP7012
0.79 (31.25)
41.16
FP7012-Gi
11
⁄4
48.81
5 to 90
FP7015
0.95 (37.5)
29.46
FP7015-Gi
11
⁄2
35.52
7 to 125
FP7020
1.27 (50)
15.52
FP7020-Gi
2
20.62
11 to 205
FP7025
1.59 (62.5)
11.40
FP7025-Gi
21
⁄2
12.44
15 to 285
FP7030
1.91 (75)
6.64
FP7030-Gi
3
7.22
25 to 460
Each transmitter/fitting system comes factory calibrated with operator’s manual.
Note: Your transmitter and fitting must be ordered as a system; see examples below.
Ordering Examples: FP7001A plus FP7007, paddlewheel sensor and 2 to 30 GPM fitting.
FP7001A plus FP7010-GI, sensor with 3 to 50 iron tee GPM fitting.
Available with PVC
or galvanized iron fittings.
Please see required installation
fittings table below.
meaSure
S BoTh
Flow & Tem
PeraTure!
Free Built-In
Temperature
Sensor with
analog output!
FP7001A, with
FP7010-Gi shown
smaller than
actual size.
To Order
Model No.
Description
FP7001A
Polypropylene body/316SS shaft with temp sensor
FLSC-100
Transmitter module for FP7001A
FPW-15
15 Vdc power supply



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com