Electronic Components Datasheet Search
  English  ▼

X  

EGC3016AFG Datasheet(PDF) 45 Page - Eaton All Rights Reserved.

Part # EGC3016AFG
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC3016AFG Datasheet(HTML) 45 Page - Eaton All Rights Reserved.

Back Button EGC3016AFG Datasheet HTML 41Page - Eaton All Rights Reserved. EGC3016AFG Datasheet HTML 42Page - Eaton All Rights Reserved. EGC3016AFG Datasheet HTML 43Page - Eaton All Rights Reserved. EGC3016AFG Datasheet HTML 44Page - Eaton All Rights Reserved. EGC3016AFG Datasheet HTML 45Page - Eaton All Rights Reserved. EGC3016AFG Datasheet HTML 46Page - Eaton All Rights Reserved. EGC3016AFG Datasheet HTML 47Page - Eaton All Rights Reserved. EGC3016AFG Datasheet HTML 48Page - Eaton All Rights Reserved. EGC3016AFG Datasheet HTML 49Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-45
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.2
Circuit Protection
Fuse Blocks and Fuse Holders
C350 Series Fuse Blocks and Fuse Holders
Features
●
Space-saving design
●
Rated 600V, 30A
●
UL approved for motor loads
Product Selection
C350 Series
Fuse Blocks and Fuse Holders
Wire Termination
Number
of Poles
250V
600V
30A
Catalog Number
Carton
Qty.
60A
Catalog Number
Carton
Qty.
30A
Catalog Number
Carton
Qty.
60A
Catalog Number
Carton
Qty.
Class H Fuse Holders
Single collar (box lug)—sized to ampere
rating
1
W231HA
10
W261HA
10
W631HA
10
W661HA
1
2
W232HA
5
W262HA
5
W632HA
5
W662HA
1
3
W233HA
5
W263HA
5
W633HA
1
W663HA
2
Class M Fuse Holders
Combination of double quick-connect,
20A max., and binding head screw,
#10 max., Cu/Al
1
—
—
—
—
WM631F
10
—
—
2
—
—
—
—
WM632F
8
—
—
3
—
—
—
—
WM633F
6
—
—
Combination of double quick-connect,
20A max., and pressure plate screw,
#10 max., Cu only
1
—
—
—
—
WM631G
10
—
—
2
—
—
—
—
WM632G
8
—
—
3
—
—
—
—
WM633G
6
—
—
Class R Fuse Holders
Single collar (box lug)—sized to ampere
rating
1
WR231HA
10
—
—
WR631HA
10
—
—
2
—
—
—
—
WR632HA
5
—
—
3
WR233HA
5
WR263HA
1
WR633HA
5
WR663HA
5
Combination of double quick-connect,
20A max., and binding head screw,
#10 max., Cu/Al
1
—
—
—
—
—
—
—
—
2
—
—
—
—
WMR632F
1
—
—
3
—
—
—
—
WMR633F
6
—
—
Combination of double quick-connect,
20A max., and pressure plate screw,
#10 max., Cu only
1
—
—
—
—
WMR631G
10
—
—
3
—
—
—
—
WMR633G
6
—
—
Class R Fuse Holder, Type WRR Control Transformer Fuse Block
Combination of double quick-connect,
20A max., and pressure plate screw,
#14–#10 Cu only
3
—
—
—
—
WRR633G
6
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com