Electronic Components Datasheet Search
  English  ▼

X  

TCA8418EYFPR Datasheet(PDF) 13 Page - Texas Instruments

Part # TCA8418EYFPR
Description  TCA8418E I2C Controlled Keypad Scan IC With Integrated ESD Protection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA8418EYFPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TCA8418EYFPR Datasheet HTML 9Page - Texas Instruments TCA8418EYFPR Datasheet HTML 10Page - Texas Instruments TCA8418EYFPR Datasheet HTML 11Page - Texas Instruments TCA8418EYFPR Datasheet HTML 12Page - Texas Instruments TCA8418EYFPR Datasheet HTML 13Page - Texas Instruments TCA8418EYFPR Datasheet HTML 14Page - Texas Instruments TCA8418EYFPR Datasheet HTML 15Page - Texas Instruments TCA8418EYFPR Datasheet HTML 16Page - Texas Instruments TCA8418EYFPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
P0
A
SCL
P3
Unstable
Data
Last Stable Bit
SDA
WRITE MODE (R/
= 0)
W
P0
A
SCL
P3
READ MODE (R/
= 1)
W
DUT
P-PORT LOAD CONFIGURATION
Pn
500 W
500 W
2
V
´ CC
0.7
VCC
´
0.3
VCC
´
0.7
VCC
´
0.3
VCC
´
0.5
VCC
´
C = 50 pF
(see Note A)
L
Slave
ACK
t
(see Note B)
pv
Pn
Pn
tps
tph
TCA8418E
www.ti.com
SCPS222C – MAY 2010 – REVISED OCTOBER 2015
Parameter Measurement Information (continued)
A.
CL includes probe and jig capacitance.
B.
tpv is measured from 0.7 × VCC on SCL to 50% I/O (Pn) output.
C.
All inputs are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr/tf ≤ 30 ns.
D.
The outputs are measured one at a time, with one transition per measurement.
E.
All parameters and waveforms are not applicable to all devices.
Figure 18. P Port Load Circuit and Timing Waveforms
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TCA8418E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com