Electronic Components Datasheet Search
  English  ▼

X  

126 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 126
Description  XBee Adapter kit - v1.1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

126 Datasheet(HTML) 2 Page - Adafruit Industries

  126 Datasheet HTML 1Page - Adafruit Industries 126 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
This adapter board is designed to make adding wireless point-to-point or mesh
networking easy. I looked at all the XBee adapter boards available and decided to
design something better:
• Onboard 3.3V regulator to cleanly power your XBee, up to 250mA
• Level shifting circuitry means that its trivial to connect it to 5V circuitry such
as an Arduino without risk of damage
• Two LEDs, one for activity (RSSI), the other for power (Associate)
• 10-pin 2mm sockets included to protect the modem and allow easy
swapping, upgrading or recycling
• All the commonly used pins are brought out along the edge, making it easy to
breadboard or wire up
• Specifically created for use with an FTDI cable to connect to a computer via
USB. This means that you can use or upgrade the adapter with a computer simply
by plugging in a cable
• Works with XBee series 1 and 2 as well as Series 1&2 Pro modules
The kit includes a PCB and all components necessary to build the adapter,
unassembled. Tools are not included. This kit is really easy and will only take 15
minutes to build, even if you've never soldered before.
Please note that the adapter does not include an XBee module, they must be
purchased separately. Check out this page for a comparison of all the XBee's
available. If you want to connect this up to a computer's USB port you'll need a FTDI
cable or FTDI friend (also not included)
For more information, check out the project page for instructions, documentation,
tutorials and example code!
7/16/2015
http://www.adafruit.com/products/126



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com