Electronic Components Datasheet Search
  English  ▼

X  

276 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 276
Description  5V 2A (2000mA) switching power supply - UL Listed
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

276 Datasheet(HTML) 1 Page - Adafruit Industries

  276 Datasheet HTML 1Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Need a lot of 5V power? This switching supply gives a clean regulated 5V output at up
to 2000mA. 110 or 240 input, so it works in any country. The plugs are "US 2-prong"
style so you may need a plug adapter, but you can pick one up at any hardware store
for a $1 or so.
This cable terminates with a 'standard' 5.5mm OD, 2.1mm ID positive tip connector
and with match with our 2.1mm extension cord, female terminal block adapter,
breadboard-friendly DC jack, etc.
This adapter is great for use with YBox/Propeller projects, Chumby Hacker
boards (using a 2.1mm to 1.7mm adapter), RGB LED pixels or addressable LED
strip, etc. Its not good for powering an Arduino thru the DC jack as it requires at least
7.5V - check out our 9V adapter instead!
This particular adapter is very nice, much better than the 'PSP charger' we got before,
with better stability and less drooping at high currents. It's even UL listed!
Description
Technical Details
5V 2A (2000mA) switching power supply - UL Listed -
ID: 276
73mm x 43mm x 27mm (2.9in x 1.6in x 1.1in)
Cable Length: 1.83/72in (5')
Cable Diameter: 3.5mm (0.125in)
Plug type: 5.5mm OD / 2.1mm ID 'coaxial' DC plug
Input: 110V-220V AC
Output: ~5V DC up to 2A


Similar Part No. - 276

ManufacturerPart #DatasheetDescription
logo
Walther-Werke
276 WALTHER-276 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Oscilent Corporation
276-12.0M-SR-05GP OSCILENT-276-12.0M-SR-05GP Datasheet
127Kb / 2P
SMD Quartz Crystal
276-12.0M-SR-05GR OSCILENT-276-12.0M-SR-05GR Datasheet
127Kb / 2P
SMD Quartz Crystal
276-12.0M-SR-05GS OSCILENT-276-12.0M-SR-05GS Datasheet
127Kb / 2P
SMD Quartz Crystal
276-12.0M-SR-05GT OSCILENT-276-12.0M-SR-05GT Datasheet
127Kb / 2P
SMD Quartz Crystal
More results

Similar Description - 276

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62650F TOSHIBA-TD62650F Datasheet
651Kb / 17P
5V POWER SUPPLY & SUPPLY MONITORINGCOMMUNICATIONS IC
15-May-1998
logo
Tyco Electronics
C-1986164 MACOM-C-1986164 Datasheet
82Kb / 1P
SOLAR CABLE, UL-LISTED, IO AWG
C-1986165 MACOM-C-1986165 Datasheet
81Kb / 1P
SOLAR CABLE, UL-LISTED, 12AWG
C-1986166 MACOM-C-1986166 Datasheet
82Kb / 1P
SOLAR CABLE, UL-LISTED, 14AWG
logo
NTE Electronics
575D5001 NTE-575D5001 Datasheet
737Kb / 1P
5V AC?묭C Switching Power Supply
logo
List of Unclassifed Man...
BU-00209-0 ETC2-BU-00209-0 Datasheet
199Kb / 1P
UL Listed Threaded Safety Plunger
logo
Hirose Electric
DF13 HIROSE-DF13 Datasheet
363Kb / 12P
1.25mm Pitch Miniature Crimping Connector (UL Listed)
logo
Shaanxi Reactor Micro...
RM3602AS REACTOR-RM3602AS Datasheet
243Kb / 3P
5V/2A power adapter application
logo
Maxim Integrated Produc...
MAX17525EVKIT MAXIM-MAX17525EVKIT Datasheet
2Mb / 12P
5V DC power supply
Rev 0; 9/16
logo
SparkFun Electronics
TOL-11296 SPARKFUN-TOL-11296 Datasheet
102Kb / 1P
Power Supply - 12V/5V (2A)
12/1/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com