Electronic Components Datasheet Search
  English  ▼

X  

288 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 288
Description  Solid-Core Wire Spool - 25ft - 22AWG - Red
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

288 Datasheet(HTML) 1 Page - Adafruit Industries

  288 Datasheet HTML 1Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Solid-Core Wire Spool - 25ft - 22AWG - Red
PRODUCT ID: 288
Description
Perfect for bread-boarding, free wiring, etc. This spool of solid-core wire is easy to solder to.
When bent it keeps its shape pretty well. We like to have a few spools of this stuff around. We
suggest picking up wire strippers to match. Wire gauge is 22 AWG which we've found is the best
all-around gauge, it works best with breadboards and perfboards but also fits in terminal blocks
nicely
Technical Details
External Insulation Diameter: 1.5mm / 0.06"
Weight: 51g
Engineered in NYC Adafruit ®


Similar Part No. - 288

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
288 GILWAY-288 Datasheet
59Kb / 1P
Subminiature Krypton Lams with Lens(Clear)-End
logo
CTS Corporation
288 CTS-288 Datasheet
523Kb / 4P
16 mm Rotary Encoders
logo
Keystone Electronics Co...
288 KEYSTONE-288 Datasheet
527Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
31-07 20th
logo
Spelsberg
288 420 01 SPELSBERG-288 420 01 Datasheet
9Mb / 4P
B-Box 040
logo
WAGO Kontakttechnik Gmb...
288-304 WAGO-288-304 Datasheet
372Kb / 6P
Relay module; Nominal input voltage: 24 VDC; 1 changeover contact
More results

Similar Description - 288

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-VPVLE10 ALLEN-BRADLEY-440T-VPVLE10 Datasheet
89Kb / 1P
Valve Lock, 3 Port Spool
logo
General Cable Technolog...
C20032101 GENERAL-C20032101 Datasheet
74Kb / 3P
(C2003) Hook-Up Wire, 24 AWG Solid Tinned Copper, PVC Insulation, Black - 1000 Ft. Spool
logo
List of Unclassifed Man...
85409-0038 ETC2-85409-0038 Datasheet
104Kb / 1P
Cable 22AWG
85409-0039 ETC2-85409-0039 Datasheet
129Kb / 1P
Cable 22AWG
logo
Schneider Electric
WISEREMCTEXT25 SCHNEIDER-WISEREMCTEXT25 Datasheet
74Kb / 1P
WISER ENERGY 25FT CT EXTENSION
Apr 6, 2020
logo
Carlo Gavazzi Holding A...
CTD-9V CARLOGAVAZZI-CTD-9V Datasheet
259Kb / 2P
Accessories AC Solid-core Current Transformer
CTD-11V CARLOGAVAZZI-CTD-11V Datasheet
69Kb / 2P
Accessories AC Solid-core Current Transformer
CTD-10V CARLOGAVAZZI-CTD-10V Datasheet
260Kb / 2P
Accessories AC Solid-core Current Transformer
logo
SparkFun Electronics
PRT-11367 SPARKFUN-PRT-11367 Datasheet
94Kb / 1P
Hook-Up Wire - Assortment (Solid Core, 22 AWG)
3/8/2016
logo
CnC Tech, LLC
54025-2022 CNC-54025-2022 Datasheet
98Kb / 1P
Wire To Board Housing Terminal, 2.5mm, 20-22AWG, Front Lock
17-nov-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com