Electronic Components Datasheet Search
  English  ▼

X  

321 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 321
Description  Large Alligator Clip Test Lead (set of 10)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

321 Datasheet(HTML) 1 Page - Adafruit Industries

  321 Datasheet HTML 1Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Large Alligator Clip Test Lead (set of 10)
PRODUCT ID: 321
Description
Connect this to that without soldering using these handy alligator clip test leads. 20" cables with alligator clip
on each end, color coded. You get 10 pieces in 5 colors. Strong and grippy, these always come in handy! We
often use these in conjunction with a multimeter so we don't have to hold the probes in place.
Compared to our small alligator clip set, these clips are longer (1.5" long)
o
10 piece set, color coded vinyl covered alligator clips.
o
Contains two of each: Black, red, white, green, and yellow.
o
22 gauge heavy insulation copper wire
o
1 1/2" alligator clips at both ends
                                Engineered in NYC Adafruit ® https://www.adafruit.com/product/321 5‐5‐17 


Similar Part No. - 321

ManufacturerPart #DatasheetDescription
logo
Littelfuse
321 LITTELFUSE-321 Datasheet
71Kb / 2P
MINIATURE FUSES - 5x25mm
logo
Abbatron All Rights Res...
321 ABBATRON-321 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Marathon Special Produc...
321 MARATHON-321 Datasheet
170Kb / 3P
Terminal Block– Closed Back 30 Amps, 600 Volts (AC/DC)
REV B 09/26/12
logo
Wiha Tools
321 90 WIHA-321 90 Datasheet
215Kb / 1P
Wiha Insulated Screwdriver Sets
logo
Winchester Electronics ...
321-000-0060A WINCHESTER-321-000-0060A Datasheet
56Kb / 1P
DIN HIGH POWER R/A RECEPTACLE 40 AMP
More results

Similar Description - 321

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1960 POMONA-1960 Datasheet
17Kb / 1P
Alligator Test Clip To Insulated Spade Plug
5914 POMONA-5914 Datasheet
24Kb / 1P
Industrial Alligator Clip Set
6264 POMONA-6264 Datasheet
20Kb / 1P
Probe Tip Alligator Clip Test Adapter
6570 POMONA-6570 Datasheet
38Kb / 1P
Extra Large Alligator Test Clip To Sheathed Banana Plug Patch Cord
logo
List of Unclassifed Man...
BU-60 ETC2-BU-60 Datasheet
518Kb / 1P
Alligator Clip
BU-65-0 ETC2-BU-65-0 Datasheet
53Kb / 1P
Large Safety Alligator Clip
BU-654-0 ETC2-BU-654-0 Datasheet
51Kb / 1P
Large Flanged Safety Alligator Clip
BU-00285 ETC2-BU-00285 Datasheet
63Kb / 1P
Insulated Mini-Alligator Lead Set
BU-00286 ETC2-BU-00286 Datasheet
63Kb / 1P
Insulated Alligator Lead Set
BU-00287 ETC2-BU-00287 Datasheet
63Kb / 1P
Insulated Alligator Lead Set
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com