Electronic Components Datasheet Search
  English  ▼

X  

356 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 356
Description  Breadboard trim potentiometer - 10K
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

356 Datasheet(HTML) 1 Page - Adafruit Industries

  356 Datasheet HTML 1Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Breadboard trim potentiometer - 10K
PRODUCT ID: 356
Description
These are our favorite trimpots, perfect for breadboarding and prototyping. They have a long grippy
adjustment knob and with 0.1" spacing they plug into breadboards or perfboards with ease.
This is the same pot that comes with our character LCDs and tutorial packs
Technical Details
o
Body size: 0.375" x 0.375" x 0.19" (9.5mm x 9.5mm x 4.9mm)
o
Rotation: 270 degrees
                                                                      Engineered in NYC Adafruit ® 


Similar Part No. - 356

ManufacturerPart #DatasheetDescription
logo
Littelfuse
356 LITTELFUSE-356 Datasheet
71Kb / 2P
MINIATURE FUSES - 6.3x32 mm
logo
3M Electronics
356 3M-356 Datasheet
1Mb / 4P
3M™ Power Clamp Header
20-Dec-2009
logo
Intel Corporation
356 INTEL-356 Datasheet
2Mb / 95P
Celeron D Processor
logo
SYC Electronica
356 SYC-356 Datasheet
461Kb / 4P
JFET-Input Operational Amplifiers Low Supply Current(LF155) High Speed(LF156)
logo
Littelfuse
356 LITTELFUSE-356 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
More results

Similar Description - 356

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX10460 AXIOMTEK-AX10460 Datasheet
211Kb / 1P
PC/104 breadboard
logo
Schneider Electric
XB4BD912R10K SCHNEIDER-XB4BD912R10K Datasheet
181Kb / 5P
Harmony XB4, Complete potentiometer, metal, 횠22, 10K
Sep 29, 2021
logo
SparkFun Electronics
DEV-11235 SPARKFUN-DEV-11235 Datasheet
94Kb / 1P
Arduino and Breadboard Holder
5??6??7
PRT-08376 SPARKFUN-PRT-08376 Datasheet
172Kb / 2P
SparkFun Breadboard Power Supply USB -
8/5/2016
PRT-12043 SPARKFUN-PRT-12043 Datasheet
328Kb / 1P
Breadboard ??Mini Modular (White)
5??6??7
PRT-12044 SPARKFUN-PRT-12044 Datasheet
105Kb / 1P
Breadboard ??Mini Modular (Red)
5??6??7
PRT-12045 SPARKFUN-PRT-12045 Datasheet
111Kb / 1P
Breadboard ??Mini Modular (Blue)
5??6??7
PRT-12046 SPARKFUN-PRT-12046 Datasheet
101Kb / 1P
Breadboard ??Mini Modular (Green)
5??6??7
PRT-12047 SPARKFUN-PRT-12047 Datasheet
107Kb / 1P
Breadboard ??Mini Modular (Black)
5??6??7
PRT-12070 SPARKFUN-PRT-12070 Datasheet
100Kb / 1P
SparkFun Solder-able Breadboard
4/16/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com