Electronic Components Datasheet Search
  English  ▼

X  

382 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 382
Description  28-pin ZIF socket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

382 Datasheet(HTML) 1 Page - Adafruit Industries

  382 Datasheet HTML 1Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
28-pin ZIF socket
PRODUCT ID: 382
Description
A ZIF (Zero Insertion Force Socket) allows you to insert and remove chips easily from an existing circuits.
These are often used for chip programmers or when you need to test a chip without damaging it. Move the
lever up and chips drop right in. Move the lever down to 'latch' the chip in place.
This socket is designed for DIP chips of up to 28 pins and 0.3" wide. What's nice about it is it can snap into
an existing circuit board or socket that is designed for the chip so you may not have to redesign the board!
For example, we snapped it into an Arduino socket, which would allow you to change chips out (if you
wanted to put a shield on top, you'll need to fit a set of stacking headers on)
Technical Details
Fits up to 28-pin DIP chips, in 0.3" width
Overall body size: 0.6" x 2" x 0.43" (15mm x 50mm x 11mm) - not including lever or pins
Pins are 0.3" apart (fit into a 0.3" socket) and 3.6mm (0.15") long
                                                                      Engineered in NYC Adafruit ® 


Similar Part No. - 382

ManufacturerPart #DatasheetDescription
logo
Littelfuse
382 LITTELFUSE-382 Datasheet
92Kb / 2P
SUBMINIATURE FUSES
logo
France Joint
382 FRANCEJOINT-382 Datasheet
335Kb / 2P
WIPER SEALS
logo
Littelfuse
382 LITTELFUSE-382 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
CML Innovative Technolo...
382 CMLINNOVATIVETECHNOLOGIES-382 Datasheet
122Kb / 1P
Incandescent
Issue 2 : 23Mar15
logo
List of Unclassifed Man...
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
More results

Similar Description - 382

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MACH210 ETC-MACH210 Datasheet
190Kb / 1P
44 pin QFP socket/28 pin DIP 0.6??plug
PA28PL28D-YA ETC2-PA28PL28D-YA Datasheet
85Kb / 2P
28 PIN PLCC SOCKET ADAPTER
PA28SO28D-EO-300 ETC2-PA28SO28D-EO-300 Datasheet
81Kb / 2P
28 PIN SOP SOCKET ADAPTER
logo
Assmann Electronics Inc...
AR28-HGL-TT-R ASSMANN-AR28-HGL-TT-R Datasheet
327Kb / 1P
IC-Socket, 28 Pin, Machined Contact
AR28-HGW-T-R ASSMANN-AR28-HGW-T-R Datasheet
275Kb / 1P
IDC-Socket, 28 Pin, Wire Wrap
logo
List of Unclassifed Man...
PA28-28 ETC2-PA28-28 Datasheet
30Kb / 1P
28 pin PLCC socket/28 pin DIP 0.6??plug
PA28-28-DP ETC2-PA28-28-DP Datasheet
32Kb / 1P
28 pin DIP ZIF socket/28 pin PLCC plug
PA28-PP ETC2-PA28-PP Datasheet
33Kb / 1P
28 pin PLCC socket/28 pin PLCC plug
PA28SS-P55 ETC2-PA28SS-P55 Datasheet
28Kb / 1P
28 Pin SSOP socket/28 Pin DIP 0.6??plug
PA-SOD-2808-28 ETC2-PA-SOD-2808-28 Datasheet
24Kb / 1P
8-28 pin SO socket/28 pin SO receptacle (SO-Plugs NOT included)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com