Electronic Components Datasheet Search
  English  ▼

X  

394 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 394
Description  Pogo Pins "Spear Head" (10 pack) - P75-LM3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

394 Datasheet(HTML) 2 Page - Adafruit Industries

  394 Datasheet HTML 1Page - Adafruit Industries 394 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
Pogo pins are little spring-loaded contacts, very handy for making jigs, or making
momentary (but electrically solid) contacts. We use them by the dozen for making
programming and testing jigs but they're handy also if say you want to JTAG
program a board that you cant solder headers to - just shove these thin contacts
into a 0.1" pitch IDC programming cable and press it onto the contacts.
These particular pins are (in our opinion) ideal because they are skinny enough to
fit into most proto board or perf board - they have a 1.0mm/0.04" diameter body
(the gold part) but the spring contact head is 1.5mm (0.06") wide. The
uncompressed length is 16.5mm/0.65", compressed is 14.5mm/0.57"
Check out our tutorial on how we make pogo-pin jigs!
Page 2 of 2
7/21/2015
http://www.adafruit.com/products/394



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com