Electronic Components Datasheet Search
  English  ▼

X  

435 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 435
Description  Passive PoE Injector Cable Set
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

435 Datasheet(HTML) 2 Page - Adafruit Industries

  435 Datasheet HTML 1Page - Adafruit Industries 435 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note that Ethernet cables, especially long ones, will act like resistors as you get past 10 meter
spans. Most Ethernet cables are 24AWG, 0.085 ohms per meter (0.026 ohms per foot) so if you
want to draw say 500mA from your adapter, there will be a 1 Volt drop for every ~25 meters / 80
feet.
Because these cables use pins 4,5,7, and 8 to pass power you can't use these in gigabit Ethernet
situations (those pins would be used by the gigabit router), but your device and router should
back down to 10/100 megabit in such cases.
Engineered in NYC Adafruit ®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com