Electronic Components Datasheet Search
  English  ▼

X  

441 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 441
Description  SMT/SMD 0805 Resistor and Capacitor Book - 3725 pieces
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

441 Datasheet(HTML) 1 Page - Adafruit Industries

  441 Datasheet HTML 1Page - Adafruit Industries 441 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMT/SMD 0805 Resistor and Capacitor Book
- 3725 pieces
PRODUCT ID: 441
 
Description
Always have the right SMT components at your hand with this awesome 0805 Resistor and Capacitor book
set! This book has nice translucent pages filled with cut tape SMT 0805 components, sorted, labeled and
ready to go. This book has 63 5% resistor values, 3025 parts and 17 capacitor values, 700 parts. The
nice thing is that you get a good distribution of the resistors, with more 1K and 10KΩ and fewer of the
really high values.
63 5% Yageo resistor values:
o
100 pieces each of the following: 0Ω, 1KΩ, 10KΩ
o
50 pieces each of the following: 1Ω, 1.2Ω, 1.5Ω, 2Ω, 2.7Ω, 3.3Ω, 4.3Ω, 5.1Ω, 6.8Ω, 8.2Ω, 10Ω,
12Ω, 15Ω, 20Ω, 27Ω, 33Ω, 43Ω, 51Ω, 68Ω, 82Ω, 100Ω, 120Ω, 150Ω, 200Ω, 270Ω, 330Ω, 430Ω,
510Ω, 680Ω, 820Ω, 1.2KΩ, 1.5KΩ, 2KΩ, 2.7KΩ, 3.3KΩ, 4.3KΩ, 5.1KΩ, 6.8KΩ, 8.2KΩ, 12KΩ,
15KΩ, 29KΩ, 27KΩ, 33KΩ, 43KΩ, 51KΩ, 68KΩ, 82KΩ, 100KΩ
o
25 pieces each of the following: 120KΩ, 150KΩ, 200KΩ, 270KΩ, 330KΩ, 430KΩ, 510KΩ,
680KΩ, 820KΩ, 1MΩ, 2MΩ


Similar Part No. - 441

ManufacturerPart #DatasheetDescription
logo
Littelfuse
441 LITTELFUSE-441 Datasheet
38Kb / 2P
SURFACE MOUNT FUSES
logo
Aries Electronics, Inc.
441 ARIES-441 Datasheet
653Kb / 2P
PGA ZIF Test & Burn-in Socket for Any Footprint on Std 8x8 to 21x21 Grid
Rev. 1.10
logo
English Chain Co. Ltd
441 14 ENGLISHCHAIN-441 14 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
441 15 ENGLISHCHAIN-441 15 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
441 25 ENGLISHCHAIN-441 25 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
More results

Similar Description - 441

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTSM7100LB-AR MARKTECH-MTSM7100LB-AR Datasheet
71Kb / 2P
Marktech 0805 SMT LEDs
logo
CTS Corporation
RC3001B6 CTS-RC3001B6 Datasheet
147Kb / 2P
Integrated Resistor and Capacitor Network RC Series 3000
logo
RCD COMPONENTS INC.
RC0801-100J100J RCD-RC0801-100J100J Datasheet
82Kb / 1P
CAPACITOR AND RESISTOR/CAPACITOR NETWORKS
logo
Protech Systems Co., Lt...
BPC-8080 PROTECHSYSTEMS-BPC-8080 Datasheet
772Kb / 2P
Leading and Optimized Performance Book Size POC
BPC-8580 PROTECHSYSTEMS-BPC-8580 Datasheet
851Kb / 2P
Slim and Compact Book Size PC
BPC-8590 PROTECHSYSTEMS-BPC-8590 Datasheet
314Kb / 2P
Slim and Compact Book Size PC
logo
Electronic Film Capacit...
RC1313 EFC-RC1313 Datasheet
23Kb / 2P
RESISTOR-CAPACITOR NETWORKS
logo
MERITEK ELECTRONICS COR...
CRA-CRF MERITEK-CRA-CRF Datasheet
281Kb / 1P
CAPACITOR/RESISTOR NETWORKS
logo
OSRAM GmbH
LYR976-PS-36 OSRAM-LYR976-PS-36 Datasheet
410Kb / 20P
SMT package 0805
logo
Vishay Barry
RYC3725ZZ-XXXXJN-2T BARRY-RYC3725ZZ-XXXXJN-2T Datasheet
261Kb / 2P
60W 3725 AlN Chip Resistor w/ Isolated Center Pad
REV.A DEC 21 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com