Electronic Components Datasheet Search
  English  ▼

X  

737 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 737
Description  Power Distribution Bus - 7 x 6mm diameter solid brass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

737 Datasheet(HTML) 2 Page - Adafruit Industries

  737 Datasheet HTML 1Page - Adafruit Industries 737 Datasheet HTML 2Page - Adafruit Industries 737 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
DESCRIPTION
Imagine terminal blocks that are cut out of one solid piece of brass, designed to
distribute power. Well, that's what we have here! These machined bus bars are for
when you want to distribute power through a project, we think they are ideal for
robots and LED pixel grids where you have tons of current and a lot of loose wiring
to control
Each bus has 7 holes bored out of a chunk of brass. There are screws that can
cinch down any number of wires. Since its meant for power distribution, the wires
should be 20 AWG or larger (thinner wires will slip out). You can use any larger
wire, the holes are 6mm diameter! We don't have exact specifications for current
carrying ability but we imagine they are good for at least 10A as its just a chunk of
metal. We plan to use these for LED pixel matrix power distribution, which is a low
voltage and fairly low amperage activity. If you want to use this for higher currents
or voltages, please use common sense and plenty of testing until we can find a
spec sheet!
A nice touch on these is the plastic covering which provides a little isolation from
the outside world, and mounting flanges.
11/30/2015
http://www.adafruit.com/products/737



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com