Electronic Components Datasheet Search
  English  ▼

X  

775 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 775
Description  Miniature Slip Ring - 12mm diameter, 6 wires, max 240V @ 2A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

775 Datasheet(HTML) 2 Page - Adafruit Industries

  775 Datasheet HTML 1Page - Adafruit Industries 775 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
With a slip ring assembly, your electronics can now twist and turn safely. Add wheel
encoders, 360 degree sensors, rotating LEDs, rotors and more! We've seen a lot of
people DIY slip ring's out of desperation but no longer, simply pick up one of these
to solve any rotation needs you have.
Inside the miniature plastic tube is a gold plated slip ring for 6 wires. There are six
color coded wire sets made of 26 AWG and no matter how you twist the assembly,
they will remain in continuity. Each of the wire sets can carry up to 2A at up to
240VAC or 240VDC. This model is the tiniest slip ring you can get, a mere 17mm
long, 12mm diameter. Rated to rotate up to 300 RPM (but you can probably go
faster if you don't mind a reduced life and/or noise).
Page 2 of 2
7/16/2015
http://www.adafruit.com/products/775



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com