Electronic Components Datasheet Search
  English  ▼

X  

936 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 936
Description  Panel Mount USB Cable - B Female to Mini-B Male
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

936 Datasheet(HTML) 1 Page - Adafruit Industries

  936 Datasheet HTML 1Page - Adafruit Industries 936 Datasheet HTML 2Page - Adafruit Industries 936 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Panel Mount USB Cable - B Female to Mini-B
Male
PRODUCT ID: 936


Similar Part No. - 936

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
936 CDE-936 Datasheet
521Kb / 2P
Axial Leaded Metallized Polypropylene Capacitor
logo
Sensata Technologies, I...
9360 SENSATA-9360 Datasheet
541Kb / 4P
SINGLE AND DUAL OUTPUT ROTARY POSITION SENSOR
logo
Belden Inc.
9360 BELDEN-9360 Datasheet
670Kb / 3P
M23 Power Double-Ended Cordset: Male straight to female angled, 19-pin, yellow body, 120 V AC/DC, 16x8 A 3x10 A; TPE yellow cable, 16x0.5 mm² 3x1.0 mm²
logo
Molex Electronics Ltd.
93600 MOLEX-93600 Datasheet
165Kb / 3P
Heavy-Duty Cable Glands
Oct 18, 2023
93600-0024 MOLEX-93600-0024 Datasheet
165Kb / 3P
Heavy-Duty Cable Glands
Oct 18, 2023
More results

Similar Description - 936

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
3021003-03 QUALTEK-3021003-03 Datasheet
425Kb / 1P
USB 4P(A) MALE TO USB MINI 5P(B) MALE
logo
Assmann Electronics Inc...
A-USB-2 ASSMANN-A-USB-2 Datasheet
42Kb / 1P
USB A FEMALE-USB B MALE
A-USB-3 ASSMANN-A-USB-3 Datasheet
41Kb / 1P
USB A MALE-USB B FEMALE
AK670M-2-2-R ASSMANN-AK670M-2-2-R Datasheet
96Kb / 1P
USB 2.0 Cable A Male to Mini B Male
AK670M-2-5-R ASSMANN-AK670M-2-5-R Datasheet
96Kb / 1P
USB 2.0 Cable A Male to Mini B Male
A-USB-6-R ASSMANN-A-USB-6-R Datasheet
101Kb / 1P
USB Adapter, B Male to B Male
logo
Tripp Lite. All Rights ...
U025001PM TRIPPLITE-U025001PM Datasheet
492Kb / 2P
USB 2.0 Hi-Speed Panel Mount Extension Cable (B to Panel Mount B M-F), 1-ft
logo
Molex Electronics Ltd.
1110145003 MOLEX1-1110145003 Datasheet
46Kb / 1P
HSAutoLink Cable Assembly, USCAR/USB MINI-B Plug-to-MINI-B Plug, 0.50m Length,Polarization B, B
1110051020 MOLEX-1110051020 Datasheet
307Kb / 1P
USB CABLE ASSEMBLY MINI-B INLINE RECEPTACLE TO MINI-B PLUG STRT
2020/02/28
1110145000 MOLEX-1110145000 Datasheet
253Kb / 2P
USB CABLE ASSEMBLY MINI-B PLUG STRAIGHT TO MINI-B PLUG STRAIGHT
2022/05/25
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com