Electronic Components Datasheet Search
  English  ▼

X  

937 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 937
Description  Panel Mount USB Cable - B Female to Micro-B Male
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

937 Datasheet(HTML) 2 Page - Adafruit Industries

  937 Datasheet HTML 1Page - Adafruit Industries 937 Datasheet HTML 2Page - Adafruit Industries 937 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
DESCRIPTION
This handy USB extension cable will make it easy for you to enclose a device that
has a micro-B type port. We think this would be most handy when putting an
Arduino Leonardo or Raspberry Pi in a box.
The jack half has two mounting 'ears' with M3 screws installed, ~1.1" / ~29mm
apart. Can be used with box walls 0.125" to 0.25" wide. Depending on your usage
you may want shorter or longer screws, feel free to experiment! Entire cable is
~310mm / ~12" long.
1/27/2016
https://www.adafruit.com/product/937



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com