Electronic Components Datasheet Search
  English  ▼

X  

978 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 978
Description  Panel mount HDMI Cable - 40 cm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

978 Datasheet(HTML) 2 Page - Adafruit Industries

  978 Datasheet HTML 1Page - Adafruit Industries 978 Datasheet HTML 2Page - Adafruit Industries 978 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
DESCRIPTION
This panel mount extension cable will allow you to extend an HDMI connection and
secure it to an enclosure. Perfect for placing your Raspberry Pi in a secure box. Two
#4-40 screws are used to attach the female socket end, 26.9mm apart. Two hex-
body standoff-screws are included as shown above and the hex nuts are embedded
inside the molded end.
Cable is 40cm long (about 16 inches). This is a HDMI 1.4 cable.
1/27/2016
https://www.adafruit.com/product/978



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com