Electronic Components Datasheet Search
  English  ▼

X  

989 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 989
Description  UK Plug Power Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

989 Datasheet(HTML) 1 Page - Adafruit Industries

  989 Datasheet HTML 1Page - Adafruit Industries 989 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UK Plug Power Adapter
PRODUCT ID: 989
 
 
Description
This adapter will let you plug into a US 2-prong power adapter in the following locations:
Bahrain, Bangladesh, Belize, Bhutan, Channel Islands, China, Cyprus, Dominica, Falkland Islands,
Gambia, Ghana, Gibraltar, Grenada, Guatemala, Guyana, Hong Kong, Indonesia, Iraq, Ireland, Isle of Man,
Jordan, Kenya, Kuwait, Lebanon, Macau, Malawi, Malaysia, Maldives, Malta, Mauritius, Myanmar,
Nigeria, Oman, Qatar, St. Kitts and Nevis, St. Lucia, St. Vincent, Saudi Arabia, Seychelles, Sierra Leone,
Singapore, Tanzania, Uganda, United Arab Emirates, United Kingdom, Vietnam, Yemen, Zambia,
Zimbabwe
Compatible with all the power adapters Adafruit carries as all are 110-240V compatible!
o
5V 1A (1000mA) USB port power supply
o
5V 2A (2000mA) switching power supply
o
5V 10A switching power supply
o
9 VDC 1000mA regulated switching power adapter
o
12 VDC 1000mA regulated switching power adapter
o
12V 5A switching power supply


Similar Part No. - 989

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9890 3M-9890 Datasheet
213Kb / 5P
3M™ Thermally Conductive Adhesive Transfer Tapes
Sep-2010
logo
Belden Inc.
9890 BELDEN-9890 Datasheet
146Kb / 2P
Electronic, 10 C #20 Sol TC, PO Ins, OS, PO Jkt
05-05-2023
9890-0101000 BELDEN-9890-0101000 Datasheet
146Kb / 2P
Electronic, 10 C #20 Sol TC, PO Ins, OS, PO Jkt
05-05-2023
9890-010500 BELDEN-9890-010500 Datasheet
146Kb / 2P
Electronic, 10 C #20 Sol TC, PO Ins, OS, PO Jkt
05-05-2023
9891 BELDEN-9891 Datasheet
212Kb / 2P
Transceiver 10BASE5, #22-3pr, #20-1pr, FHDPE, Indiv. Foil shielded pairs w/OA Brd, PVC Jkt, CM
04-19-2023
More results

Similar Description - 989

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1363 SCHURTER-1363 Datasheet
247Kb / 2P
UK Power (Mains) Plug, Cord Connector (Rewireable), 3 pole, Angled
2343 SCHURTER-2343 Datasheet
260Kb / 2P
Power Supply Cord with UK Power (Mains) Plug 3-pole, Angled
logo
PHOENIX CONTACT
921053 PHOENIX-921053 Datasheet
62Kb / 4P
Fuse plug - ST-SILA250-UK 4 - 0921053
logo
Tripp Lite. All Rights ...
P052008 TRIPPLITE-P052008 Datasheet
482Kb / 2P
Standard UK Power Cord, 13A (IEC-320-C19 to BS-1363 UK Plug), 8-ft
P056006 TRIPPLITE-P056006 Datasheet
468Kb / 2P
Standard UK Computer Power Cord, 5A (IEC-320-C13 to BS-1363 UK Plug), 6-ft
P060006 TRIPPLITE-P060006 Datasheet
479Kb / 2P
Standard UK Computer Power Cord (C5 to BS-1363 UK Plug), 6-ft
P056-006 TRIPPLITE-P056-006 Datasheet
471Kb / 3P
Standard UK Computer Power Cord, 10A (IEC-320-C13 to BS-1363 UK Plug) 6-ft
logo
Mean Well Enterprises C...
YP61 MEANWELL-YP61 Datasheet
102Kb / 1P
AC power cord with UK 3 Pin plug and IEC320?륝13 plug
logo
PHOENIX CONTACT
0921024 PHOENIX-0921024 Datasheet
59Kb / 4P
Fuse plug - ST-SILED 12-UK 4
09/11/2020
logo
Electronic Components L...
BAC2556 CLIFF-BAC2556 Datasheet
305Kb / 1P
UK MAINS PLUG TO IEC CORDSET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com