Electronic Components Datasheet Search
  English  ▼

X  

1208047 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1208047
Description  QUICK WIREFOX 6 SC EM - Spare knife
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1208047 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1208047 Datasheet HTML 1Page - PHOENIX CONTACT 1208047 Datasheet HTML 2Page - PHOENIX CONTACT 1208047 Datasheet HTML 3Page - PHOENIX CONTACT 1208047 Datasheet HTML 4Page - PHOENIX CONTACT 1208047 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Spare knife for QUICK-WIREFOX stripping pliers
Commercial data
Item number
1208047
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
BH312Z
GTIN
4017918951382
Weight per piece (including packing)
15.825 g
Weight per piece (excluding packing)
19.7 g
Country of origin
GB
QUICK WIREFOX 6 SC EM - Spare knife
1208047
https://www.phoenixcontact.com/us/products/1208047
Aug 25, 2025, 7:48AM
Page 1 (5)


Similar Part No. - 1208047

ManufacturerPart #DatasheetDescription
logo
Heyco.
12080 HEYCO-12080 Datasheet
101Kb / 1P
Vinyl Coated Steel Clamps
logo
LEMO Connectors
12080 LEMO-12080 Datasheet
86Kb / 4P
B - Indoor keyed
12080 LEMO-12080 Datasheet
95Kb / 4P
B - Indoor keyed
12080 LEMO-12080 Datasheet
125Kb / 4P
B - Indoor keyed
12080 LEMO-12080 Datasheet
104Kb / 4P
B - Indoor keyed
More results

Similar Description - 1208047

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1204371 PHOENIX-1204371 Datasheet
49Kb / 2P
Spare knife - QUICK WIREFOX 6 EM
1204944 PHOENIX-1204944 Datasheet
49Kb / 2P
Spare knife - QUICK WIREFOX 16 EM
1205215 PHOENIX-1205215 Datasheet
43Kb / 2P
Spare knife - CF 1000 EM
1212151 PHOENIX-1212151 Datasheet
51Kb / 2P
Spare knife - WIREFOX 4/SB
1212152 PHOENIX-1212152 Datasheet
51Kb / 2P
Spare knife - WIREFOX 10/SB
1212153 PHOENIX-1212153 Datasheet
51Kb / 2P
Spare knife - WIREFOX 16/SB
1212312 PHOENIX-1212312 Datasheet
45Kb / 2P
Spare knife - WIREFOX-D 11/SB
1212313 PHOENIX-1212313 Datasheet
45Kb / 2P
Spare knife - WIREFOX-D 40/SB
1212314 PHOENIX-1212314 Datasheet
51Kb / 2P
Spare knife - WIREFOX 6SC/SB
1212369 PHOENIX-1212369 Datasheet
46Kb / 2P
Spare knife - WIREFOX 2,5/SB
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com