Electronic Components Datasheet Search
  English  ▼

X  

THS5641AIPWR Datasheet(PDF) 7 Page - Texas Instruments

Part # THS5641AIPWR
Description  8-BIT, 100 MSPS, CommsDAC™ DIGITAL-TO-ANALOG CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS5641AIPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS5641AIPWR Datasheet HTML 3Page - Texas Instruments THS5641AIPWR Datasheet HTML 4Page - Texas Instruments THS5641AIPWR Datasheet HTML 5Page - Texas Instruments THS5641AIPWR Datasheet HTML 6Page - Texas Instruments THS5641AIPWR Datasheet HTML 7Page - Texas Instruments THS5641AIPWR Datasheet HTML 8Page - Texas Instruments THS5641AIPWR Datasheet HTML 9Page - Texas Instruments THS5641AIPWR Datasheet HTML 10Page - Texas Instruments THS5641AIPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
THS5641A
8BIT, 100 MSPS, CommsDAC
DIGITALTOANALOG CONVERTER
SLAS277A −MARCH 2000 − REVISED SEPTEMBER 2002
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 1
42
48
54
60
66
72
78
0
1020
304050
SPURIOUS FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY
Fout − MHz
Fclock = 5 MSPS
Fclock = 25 MSPS
Fclock = 50 MSPS
Fclock = 70 MSPS
Fclock = 100 MSPS
AVDD = 5 V
DVDD = 5 V
Figure 2
−78
−72
−66
−60
−54
−48
−42
0
1020
304050
TOTAL HARMONIC DISTORTION
vs
OUTPUT FREQUENCY
Fout − MHz
AVDD = 5 V
DVDD = 5 V
70 MSPS
100 MSPS
50 MSPS
5 MSPS
25 MSPS
Figure 3
42
45
48
51
54
0
1020
304050
SIGNAL-TO-NOISE AND DISTORTION RATIO
vs
OUTPUT FREQUENCY
Fout − MHz
AVDD = 5 V
DVDD = 5 V
5 MSPS
25 MSPS
50 MSPS
70 MSPS
100 MSPS
48
54
60
66
72
78
0
5
10
15
20
25
30
35
Figure 4
SPURIOUS FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY
Fout − MHz
5 MSPS
67 MSPS
AVDD = 3.3 V
DVDD = 3.3 V
25 MSPS
50 MSPS
† AVDD and DVDD specified for each chart seperately, IOUTFS = 20 mA, single-ended output IOUT1, 50 Ω doubly terminated load, TA = 25°C
(unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com