Electronic Components Datasheet Search
  English  ▼

X  

THS5651AIPWR Datasheet(PDF) 22 Page - Texas Instruments

Part # THS5651AIPWR
Description  10-BIT, 125 MSPS, CommsDAC™ DIGITAL-TO-ANALOG CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS5651AIPWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS5651AIPWR Datasheet HTML 18Page - Texas Instruments THS5651AIPWR Datasheet HTML 19Page - Texas Instruments THS5651AIPWR Datasheet HTML 20Page - Texas Instruments THS5651AIPWR Datasheet HTML 21Page - Texas Instruments THS5651AIPWR Datasheet HTML 22Page - Texas Instruments THS5651AIPWR Datasheet HTML 23Page - Texas Instruments THS5651AIPWR Datasheet HTML 24Page - Texas Instruments THS5651AIPWR Datasheet HTML 25Page - Texas Instruments THS5651AIPWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
THS5651A
10BIT, 125 MSPS, CommsDAC
DIGITALTOANALOG CONVERTER
SLAS260A − FEBRUARY 2000 − REVISED SEPTEMBER 2002
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
offset drift
The change in offset error versus temperature from the ambient temperature (TA = 25°C) in ppm of full-scale
range per
°C.
gain drift
The change in gain error versus temperature from the ambient temperature (TA = 25°C) in ppm of full-scale
range per
°C.
reference voltage drift
The change in reference voltage error versus temperature from the ambient temperature (TA = 25°C) in ppm
of full-scale range per
°C.
THS5651A evaluation board
An evaluation module (EVM) board for the THS5651A digital-to-analog converter is available for evaluation.
This board allows the user the flexibility to operate the THS5651A in various configurations. Possible output
configurations include transformer coupled, resistor terminated, and inverting/noninverting amplifier outputs.
The digital inputs are designed to interface with the TMS320 C5000 or C6000 family of DSPs or to be driven
directly from various pattern generators with the onboard option to add a resistor network for proper load
termination.
See the THS56x1 Evaluation Module User’s Guide for more details (SLAU032).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com