Electronic Components Datasheet Search
  English  ▼

X  

49.38SR Datasheet(PDF) 2 Page - FACOM. All rights reserved.

Part # 49.38SR
Description  New “FACOM ADF” non-sparking tool range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FACOM [FACOM. All rights reserved.]
Direct Link  https://www.facom.com/
Logo FACOM - FACOM. All rights reserved.

49.38SR Datasheet(HTML) 2 Page - FACOM. All rights reserved.

  49.38SR Datasheet HTML 1Page - FACOM. All rights reserved. 49.38SR Datasheet HTML 2Page - FACOM. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L
A
L
F
A
(mm)
B
(mm)
E
(mm)
D
(mm)
L
(mm)
0 g
113A.6SR
18
18
10,8
6,6
150
135
113A.8SR
24
24
13,3
9
200
281
113A.10SR
30
28
15,7
10,5
250
440
113A.12SR
36
33
18,8
11,2
300
720
113A.15SR
46
42
23,4
13,7
375
1410
113A.18SR
55
51
26,7
15
450
2261
L
B
F
S
(mm)
A
(mm)
B
(mm)
C
(mm)
L
(mm)
0 g
49.17SR
17
17
40,5
12
125
150
49.19SR
19
19
40,5
12
125
150
49.22SR
22
22
46
12
135
195
49.24SR
24
24
50
12
150
245
49.27SR
27
27
57
15
175
335
49.30SR
30
30
64
15,5
190
435
49.32SR
32
32
66
16
190
515
49.36SR
36
36
75
17
210
725
49.38SR
38
38
82
18
220
955
49.41SR
41
41
87
18,5
230
955
49.46SR
46
46
98
20
250
1225
49.50SR
50
50
108
20,5
275
1340
49.52SR
52
52
108
20,5
275
1500
49.55SR
55
55
117
23
305
1665
49.60SR
60
60
128
23,5
315
2190
49.65SR
65
65
141
27,5
335
2670
49.70SR
70
70
156
28,5
370
3250
49.75SR
75
75
162
29
375
3660
49.80SR
80
80
174
32
400
4500
49.85SR
85
85
174
32
400
5290
49.90SR
90
90
194
36
445
6640
49.95SR
95
95
194
36
445
6640
49.100SR
100
100
228
43
485
8850
49.110SR
110
110
238
45
512
11060
49.120SR
120
120
253
51
530
11060
49.130SR
130
130
268
53
560
14800
49.140SR
140
140
268
53
560
15850
49.150SR
150
150
291
56
630
15850
Metric open-end slogging
wrench
Clés à frapper à fourche métriques
Llave fija de golpe métrica
Ударный рожковый ключ метрический
Adjustable wrench
Clés à molette
Llave inglesa
Разводной ключ c зубчатой рейкой
F
S
(mm)
H
(mm)
L
(mm)
0 g
75.6SR
6
29
120
100
75.8SR
8
33
145
150
75.10SR
10
37
168
200
75.12SR
12
42
215
220
75.13SR
13
45
240
250
75.14SR
14
45
245
300
75.15SR
15
48
250
350
75.16SR
16
48
255
500
75.17SR
17
51
260
550
75.18SR
18
53
265
550
75.19SR
19
55
270
550
75.20SR
20
57
272
600
75.21SR
21
57
275
750
75.22SR
22
59
278
750
75.23SR
23
60
282
800
75.24SR
24
63
286
850
75.27SR
27
69
294
900
75.30SR
30
75
302
1000
75.32SR
32
81
310
1100
75.36SR
36
85
330
1300
75.41SR
41
90
350
1380
Metric socket wrench
Clés à pipe métriques
Llave de pipa métrica
Метрический накидной торцовый ключ
6
Non-sparking Outillage antidéflagrant Herramientas antichispa
Искробезопасный инструмент
www.facom.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com